Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA095908NB-V1-R2 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTRA095908NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 520 W, 48 V, 925 – 960 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA095908NB-V1-R2 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  PTRA095908NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA095908NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PTRA095908NB
7
Rev. 02.2, 2022-02-13
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101
Capacitor, 8.2 pF
ATC
ATC600F8R2BT250XT
C102
Capacitor, 22 pF
ATC
ATC600F220JT250XT
C103
Capacitor, 2.0 pF
ATC
ATC600F2R0BT250XT
C104, C107, C109
Capacitor, 68 pF
ATC
ATC600F680JT250XT
C105, C110
Capacitor, 10 µF, 100 V
Murata Electronics
GRM32EC72A106KE05L
C106
Capacitor, 4.7 pF
ATC
ATC600F4R7BT250XT
C108
Capacitor, 3.3 pF
ATC
ATC600F3R3BT250XT
R101, R102
Resistor, 6.2 ohms
Panasonic Electronic Components
ERJ-8GEYJ6R2V
R103
Resistor, 50 ohms
Anaren
C16A50Z4
U1
Hybrid Coupler
Anaren
X3C09P1-03S
Output
C201
Capacitor, 2.7 pF
ATC
ATC600F2R7BT250XT
C202
Capacitor, 5.6 pF
ATC
ATC600F5R6BT250XT
C203
Capacitor, 3.3 pF
ATC
ATC600F3R3BT250XT
C204
Capacitor, 2.2 pF
ATC
ATC600F2R2BT250XT
C205
Capacitor, 12 pF
ATC
ATC600F120JT250XT
C206, C207, C220
Capacitor, 68 pF
ATC
ATC600F680JT250XT
C208, C209, C210, C211, C212, C213,
C215, C221, C222, C223, C224, C225,
C227
Capacitor, 10 µF, 100 V
Murata Electronics
GRM32EC72A106KE05L
C214, C226
Capacitor, 100 µF, 63 V
Panasonic Electronic Components
EEE-FK1J101P
C216, C218
Capacitor, 7.5 pF
ATC
ATC600F7R5BT250XT
C217
Capacitor, 6.8 pF
ATC
ATC600F6R8BT250XT
C219
Capacitor, 0.5 pF
ATC
ATC600F0R5BT250XT
D1
D2
G2
G1
P G - H B 2 S O F - 6 - 1 _ P D _ 0 9 - 2 1 - 2 0 1 6
S = flange
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1(Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
V1, V2 Drain video decoupling, no DC Bias
Pinout Diagram (top view)
Lead connections for PTRA095908NB
V1
Main
Peak
V2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com