Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA104501EH-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTVA104501EH-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 – 1215 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA104501EH-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTVA104501EH-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA104501EH-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 04, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTVA104501EH
Thermally-Enhanced High Power RF LDMOS FET
450 W, 50 V, 960 – 1215 MHz
Description
The PTVA104501EH LDMOS FET is designed for use in power amplifier
applications in the 960 to 1215 MHz frequency band. Features include
high gain and thermally-enhanced package with bolt-down flange.
Manufactured with Wolfspeed's advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
PTVA104501EH
Package H-33288-2
Features
• Broadband internal input and output matching
• High gain and efficiency
• Integrated ESD protection
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Excellent ruggedness
• Pb-free and RoHS compliant
• Capable of withstanding a 10:1 load mismatch
(all phase angles) at 450 W peak under RF pulse,
128 µS, 10% duty cycle.
15
25
35
45
55
65
15
25
35
45
55
65
28
30
32
34
36
38
40
42
44
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 200 mA, TCASE = 25°C,
128 µs pulse width, 10% duty cycle
960 MHz
1030 Mhz
1090 MHz
1150 MHz
1215 MHz
Output power
Efficiency
a104501eh_g1
RF Characteristics
Pulsed RF Performance (tested in Wolfspeed test fixture)
VDD = 50 V, IDQ = 200 mA, POUT = 450 W (peak), ƒ1 = 960 MHz, ƒ2 = 1090 MHz, ƒ3 = 1215 MHz, RF pulse 128 µs,
10% duty cycle
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
16.5
17.5
—
dB
Drain Efficiency
hD
53
58
—
%
Gain Flatness
DG
—
0.85
1.8
dB
Return Loss
IRL
—
–9.5
–6
dB
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!


Similar Part No. - PTVA104501EH-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTVA104501EH INFINEON-PTVA104501EH Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
logo
Cree, Inc
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
logo
Infineon Technologies A...
PTVA104501EHV1R0 INFINEON-PTVA104501EHV1R0 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
PTVA104501EHV1R0XTMA1 INFINEON-PTVA104501EHV1R0XTMA1 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
More results

Similar Description - PTVA104501EH-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA104501EH INFINEON-PTVA104501EH_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
Rev. 02.1, 2016-04-19
PTVA093002TC INFINEON-PTVA093002TC Datasheet
210Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 300 W, 50 V, 703 ??960 MHz
Rev. 04, 2014-06-16
PTVA035002EV INFINEON-PTVA035002EV Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
Rev. 05.2, 2016-06-08
PTVA030121EA INFINEON-PTVA030121EA Datasheet
874Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
Rev. 05.1, 2016-04-19
PTVA102001EA INFINEON-PTVA102001EA Datasheet
241Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
Rev. 03, 2017-08-17
logo
Cree, Inc
PTVA030121EA CREE-PTVA030121EA Datasheet
423Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
PTVA035002EV CREE-PTVA035002EV Datasheet
462Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
PTVA104501EH CREE-PTVA104501EH Datasheet
430Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 50 V, 960 ??1215 MHz
logo
WOLFSPEED, INC.
PTVA102001EA WOLFSPEED-PTVA102001EA Datasheet
540Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
Rev. 05, 2023-07-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com