Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA120251EA-V2-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTVA120251EA-V2-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 25 W, 50 V, 500 – 1400 MHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA120251EA-V2-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTVA120251EA-V2-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA120251EA-V2-R0 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
PTVA120251EA
Rev. 06, 2023-07-10
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical RF Performance (cont.)
10
20
30
40
50
60
70
30
35
40
45
50
55
60
18
22
26
30
34
Power In (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 20 mA
128 µs pulse width, 10% duty cycle
1200 MHz
1300 MHz
1400 MHz
1200 MHz
1300 Mhz
1400 MHz
Efficiency
Output Power
a120251ea-gr3a
13
14
15
16
17
18
19
18
20
22
24
26
28
30
32
34
Power In (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 20 mA
128 µs pulse width, 10% duty cycle
1200 MHz
1300 MHz
1400 MHz
a120251ea-gr3b
Gain
40
50
60
70
16
17
18
19
1150
1250
1350
1450
Frequency (MHz)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 20 mA, POUT = 25 W
128 µs pulse width, 10% duty cycle
a120251ea-gr3c
Efficiency
Gain
-18
-16
-14
-12
-10
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
1150
1250
1350
1450
Frequency (MHz)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 20 mA at P1dB
128 µs pulse width, 10% duty cycle
a120251ea-gr3d
Input Return Loss
Power Droop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com