Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9694S-CSL Datasheet(PDF) 13 Page - Analog Devices

Part # AD9694S-CSL
Description  14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9694S-CSL Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9694S-CSL Datasheet HTML 8Page - Analog Devices AD9694S-CSL Datasheet HTML 9Page - Analog Devices AD9694S-CSL Datasheet HTML 10Page - Analog Devices AD9694S-CSL Datasheet HTML 11Page - Analog Devices AD9694S-CSL Datasheet HTML 12Page - Analog Devices AD9694S-CSL Datasheet HTML 13Page - Analog Devices AD9694S-CSL Datasheet HTML 14Page - Analog Devices AD9694S-CSL Datasheet HTML 15Page - Analog Devices AD9694S-CSL Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD9694S-CSL
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 13 of 16
Figure 5. Pin Configuration (Top View)
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
0
AGND/EPAD
Ground
Exposed Pad. Analog Ground. The exposed thermal pad on the bottom of the
package provides the ground reference for AVDDx, SPIVDD, DVDD, DRVDD1,
and DRVDD2. This exposed pad must be connected to ground for proper
operation.
1, 6, 49, 54
AVDD3
Supply
Analog Power Supply (2.5 V Nominal).
2, 3
VIN−A, VIN+A
Input
ADC A Analog Input Complement/True.
4, 5, 9, 46, 50, 51, 55, 72
AVDD2
Supply
Analog Power Supply (1.8 V Nominal).
7, 8
VIN+B, VIN−B
Input
ADC B Analog Input True/Complement.
10, 11, 44, 45, 56, 57, 58, 59, 62, 68,
69, 70, 71
AVDD1
Supply
Analog Power Supply (0.975 V Nominal).
12
VCM_AB
Output
Common-Mode Level Bias Output for Analog Input Channel A and Channel B.
13, 42
DVDD
Supply
Digital Power Supply (0.975 V Nominal).
14, 41
DGND
Ground
Ground Reference for DVDD and SPIVDD.
15
DRVDD2
Supply
Digital Power Supply for JESD204B PLL (1.8 V Nominal).
16
PDWN/STBY
Input
Power-Down Input/Standby (Active High). The operation of this pin depends
on the SPI mode and can be configured as power-down or standby. This pin
requires external 10 kΩ pull-down resistor.
17, 18, 35, 36
FD_A, FD_B, FD_D, FD_C
Output
Fast Detect Outputs for Channel A, Channel B, Channel C, and Channel D.
19
SYNCINB−AB
Input
Active Low JESD204B LVDS Sync Input Complement for Channel A and
Channel B.
20
SYNCINB+AB
Input
Active Low JESD204B LVDS/CMOS Sync Input True for Channel A and
Channel B.
21, 32
DRGND
Ground
Ground Reference for DRVDD1 and DRVDD2.
22, 31
DRVDD1
Supply
Digital Power Supply for SERDOUTABx±/SERDOUTCDx± Pins (0.975 V
Nominal).
23, 24
SERDOUTAB0−,
SERDOUTAB0+
Output
Lane 0 Output Data Complement/True for Channel A and Channel B.
25, 26
SERDOUTAB1−,
SERDOUTAB1+
Output
Lane 1 Output Data Complement/True for Channel A and Channel B.
27, 28
SERDOUTCD1+,
SERDOUTCD1−
Output
Lane 1 Output Data True/Complement for Channel C and Channel D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com