Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4292 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC4292
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 26Page - Analog Devices LTC4292 Datasheet HTML 27Page - Analog Devices LTC4292 Datasheet HTML 28Page - Analog Devices LTC4292 Datasheet HTML 29Page - Analog Devices LTC4292 Datasheet HTML 30Page - Analog Devices LTC4292 Datasheet HTML 31Page - Analog Devices LTC4292 Datasheet HTML 32Page - Analog Devices LTC4292 Datasheet HTML 33Page - Analog Devices LTC4292 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
TYPICAL APPLICATION
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 34 of 34
RELATED PARTS
Table 15. Related Parts
PART NUMBER
DESCRIPTION
COMMENTS
LTC9101-1/LTC9102/
LTC9103
48-Port IEEE 802.3at/802.3bt PoE PSE
Controller
Lowest in Industry Power Path Dissipation with 0.1Ω Sense, Transformer Isolated Communications
LTC9101-2/LTC9102
24-Port IEEE 802.3bt PoE PSE Controller
Industry Standard Register Map, Lowest in Industry Power Path Dissipation with 0.1Ω Sense, Direct
or Transformer Isolated Communications
LTC4292/LTC4291-1
4-Port IEEE 802.3bt PoE PSE Controller
Transformer Isolation, 14-bit Current Monitoring per Port with Programmable Current Limit, Supports
Type 1 to Type 4 PDs
LT®4293
LTPoE++®/IEEE 802.3bt PD Interface
Controller
External Switch, LTPoE++ and IEEE 802.3bt Support, Configurable Class and AUX Support
LT4294
IEEE 802.3bt PD Controller
External Switch, IEEE 802.3bt Support, Configurable Class and AUX Support
LT4295
IEEE 802.3bt PD with Forward/Flyback
Switching Regulator Controller
External Switch, IEEE 802.3bt Support, Configurable Class, Forward or No-Opto Flyback Operation,
Frequency, PG/SG Delays, Soft-Start, and Aux Support as Low as 9V, Including Housekeeping Buck,
Slope Compensation
LTC4290/LTC4271
8-Port PoE/PoE+/LTPoE++ PSE Controller
Transformer Isolation, Supports IEEE 802.3af, IEEE 802.3at, and LTPoE++ PDs
LTC4263
Single IEEE 802.3af PSE Controller
Internal MOSFET Switch
LTC4265
IEEE 802.3at PD Interface Controller
Internal 100V, 1A Switch, 2-Event Classification Recognition
LTC4266
Quad IEEE 802.3at PoE PSE Controller
With Programmable ICUT/ILIM, 2-Event Classification, and Port Current and Voltage Monitoring
LTC4267
IEEE 802.3af PD Interface with Integrated
Switching Regulator
Internal 100V, 400mA Switch, Dual Inrush Current, Programmable Class
LTC4270/LTC4271
12-Port PoE/PoE+/LTPoE++ PSE Controller
Transformer Isolation, Supports Type 1, Type 2, and LTPoE++ PDs
LTC4278
IEEE 802.3at PD Interface with Integrated
Flyback Switching Regulator
2-Event Classification, Programmable Class, Synchronous No-Opto Flyback Controller, 50kHz to
250kHz, 12V Aux Support
LTC4279
Single PoE/PoE+/LTPoE++ PSE Controller
Supports IEEE 802.3af, IEEE 802.3at, LTPoE++, and Proprietary PDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com