Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4290 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4290
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4290 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4290 Datasheet HTML 17Page - Analog Devices LTC4290 Datasheet HTML 18Page - Analog Devices LTC4290 Datasheet HTML 19Page - Analog Devices LTC4290 Datasheet HTML 20Page - Analog Devices LTC4290 Datasheet HTML 21Page - Analog Devices LTC4290 Datasheet HTML 22Page - Analog Devices LTC4290 Datasheet HTML 23Page - Analog Devices LTC4290 Datasheet HTML 24Page - Analog Devices LTC4290 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 21 of 34
Table 9. Detection Status
MEASURED PD SIGNATURE
(TYPICAL)
DETECTION RESULT
Incomplete or Not Yet Tested
Detect Status Unknown
VPD < 1V
Short Circuit
CPD > 2.7μF
CPD Too High
RPD < 17k
RSIG Too Low
17k < RPD < 29k
Detect Valid
RPD > 29k
RSIG Too High
RPD > 50k
Open Circuit
IPSE = 0 and VPD > 10V
PSE Detected or Port is Precharged
MOSFET Fault
MOSFET Fault Detected
More on Operating Modes
The port’s operating mode determines when the LTC9101-2A/
LTC9102 runs a detection cycle. In manual mode, the port remains
idle until the host orders a detect cycle. It then runs detection,
reports the result, and returns to idle to wait for another command.
In semi-auto mode, the LTC9101-2A/LTC9102 autonomously polls
a port for PDs, but does not apply power until commanded to do
so by the host. The "Detection/Classification Status" registers are
updated at the end of each detection/classification cycle.
In semi-auto mode, if a valid signature resistance is detected and
classification is enabled, the port classifies the PD and reports the
Class result. If a power-on request is not received from the host, the
port waits for 150ms (typical) and repeats the detection cycle. This
periodically refreshes the "Detection/Classification Status" registers.
The LTC9101-2A offers a rich selection of power-on commands for
IEEE compliance, power negotiation, and powering non-standard
devices. Refer to the LTC9101-2A software interface data sheet for
details on the power on pushbuttons.
Detection is disabled for a port when the LTC9101-2A/LTC9102 is
initially powered up, when the port is in shutdown mode, or when
the corresponding "Detect Enable" bit is cleared.
Detection of Legacy PDs
Proprietary PDs that predate the original IEEE 802.3af standard
are commonly referred to as legacy PDs. One type of legacy PD
uses a large common-mode capacitance (>10μF) as the detection
signature.
Legacy PDs may be inferred by detection and classification results.
The LTC9101-2A/LTC9102 provides all the tools necessary to iden-
tify and power on legacy PDs.
CLASSIFICATION
802.3af Classification
A PD may optionally present a classification signature to the PSE
to indicate the maximum power it draws while operating. The IEEE
specification defines this signature as a constant current draw when
the PSE port voltage is in the VCLASS range (between 15.5V and
20.5V), as shown in Figure 39, with the current level indicating
one of five possible PD signatures. Figure 38 shows a typical PD
load line, starting with the slope of the 25k signature resistor below
10V, then transitioning to the classification signature current (in this
case, "Class 3") in the VCLASS range. Table 10 shows the possible
classification values.
Figure 38. PD Classification
Figure 39. Type 1 or 2 PSE, 1-Event Class Sequence
Table 10. Type 1 and Type 2 PD Classification Values
CLASS
RESULT
Class 0
No Class Signature Present; Treat Like Class 3
Class 1
3.84W
Class 2
6.49W
Class 3
13W
Class 4
25.5W (Type 2)
If classification is enabled, the PSE classifies the PD immediately
after a successful detection cycle. The PSE measures the PD clas-
sification signature by applying VCLASS to the port through OUTn
and measuring the resulting current; it then reports the discovered
class in the appropriate "Port Status" register.
Classification is disabled for a port when the port is in shutdown
mode or when the corresponding "Class Enable" bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com