Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFE181507FC-V1-R2 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PXFE181507FC-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 18051880 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFE181507FC-V1-R2 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PXFE181507FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXFE181507FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXFE181507FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXFE181507FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXFE181507FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXFE181507FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXFE181507FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXFE181507FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 0
4, 2023-06-28
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PXFE181507FC
Package H-37248G-4/2
Thermally-Enhanced High Power RF LDMOS FET
175 W, 28 V, 1805 – 1880 MHz
Features
• Broadband internal input and output matching
• Typical Pulsed CW performance, 1842 MHz, 28 V, single
side, 16 µs, 10% duty cycle, class AB test
- Output power at P1dB = 175 W
- Output power at P3dB = 222 W
- Efficiency at P3dB = 60%
- Gain = 21.3 dB
• Capable of handling 10:1 VSWR @ 28 V, 180 W (CW)
output power
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Integrated ESD protection
• Low thermal resistance
• Pb-free and RoHS compliant
Description
The PXFE181507FC is a 175-watt LDMOS FET intended for use in multi-
standard cellular power amplifier applications in the 1805 to 1880 MHz
frequency band. Features include input and output matching, high gain
and thermally-enhanced package with earless flange. Manufactured with
Wolfspeed's advanced LDMOS process, this device provides excellent
thermal performance and superior reliability
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed production test fixture)
VDD = 28 V, IDQ = 900 mA, POUT = 50 W avg, ƒ = 1880 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average = 10 dB @ 0.01%
CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
19
20
dB
Drain Efficiency
hD
32
36
%
Adjacent Channel Power Ratio
ACPR
–31
–27
dBc
Output PAR at 0.01% probability on CCDF
OPAR
5.7
6.2
dB
PXFE181507FC
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ= 900 mA, ƒ = 1880 MHz
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
pxfe181507fc_g1


Similar Part No. - PXFE181507FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PXFE181507FC-V1-R2 CREE-PXFE181507FC-V1-R2 Datasheet
550Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
More results

Similar Description - PXFE181507FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC193808SV INFINEON-PXFC193808SV Datasheet
196Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 380 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2015-01-13
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
logo
Cree, Inc
PXAE183708NB CREE-PXAE183708NB Datasheet
486Kb / 6P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 1805 ??1880 MHz
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
PXAD184218FV CREE-PXAD184218FV Datasheet
465Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
PTFB181702FC CREE-PTFB181702FC Datasheet
554Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 1805 ??1880 MHz
PXFE181507FC CREE-PXFE181507FC Datasheet
550Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com