Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4263
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4263 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4263 Datasheet HTML 3Page - Analog Devices LTC4263 Datasheet HTML 4Page - Analog Devices LTC4263 Datasheet HTML 5Page - Analog Devices LTC4263 Datasheet HTML 6Page - Analog Devices LTC4263 Datasheet HTML 7Page - Analog Devices LTC4263 Datasheet HTML 8Page - Analog Devices LTC4263 Datasheet HTML 9Page - Analog Devices LTC4263 Datasheet HTML 10Page - Analog Devices LTC4263 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
ELECTRICAL CHARACTERISTICS
analog.com
Rev. 0 | 7 of 34
Table 4. Electrical Characteristics (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN TYP
MAX UNITS
Current Sense
VLIM
Active Current Limit
OUTn – VEE < 10V
Class 1 to Class 3
* 40
42.5
45
mV
Class 4
* 80
85
90
mV
VINRUSH
Active Current Limit, Inrush
OUTn – VEE < 30V (Note 16)
* 40
42.5
45
mV
VHOLD
DC Disconnect Sense Voltage
SENSEn – VSSKn, Class 0 to 4
* 500
700
900
µV
VSC
Short-Circuit Sense
SENSEn – VSSKn – VLIM
60
mV
Port Current Readback (See Typical Performance Characteristics, Note 17)
Full-Scale Range
(Notes 7, 15)
204.6
mV
LSB Weight
|SENSEn – VSSKn|, VSSKn = VEE (Note 15)
24.98
µV/LSB
Conversion Period
1.967
ms
VEE Readback (See Typical Performance Characteristics, Note 17)
Full-Scale Range
(Note 7)
82
V
LSB Weight
|AGND – VEE|
10.01
mV/LSB
Conversion Period
1.967
ms
Digital Interface
VILD
Digital Input Low Voltage
ADn, RESET, OSS, CFGn (Note 6)
*
0.8
V
I2C Input Low Voltage
SCL, SDAIN (Note 6)
*
1
V
VIHD
Digital Input High Voltage
* 2.2
V
Digital Output Low Voltage
ISDAOUT = 3mA, IINT = 3mA
*
0.4
V
ISDAOUT = 5mA, IINT = 5mA
*
0.7
V
Internal Pull-Up to VDD
ADn, RESET, OSS
50
kΩ
Internal Pull-Down to DGND
CFG0
50
kΩ
EXT3 Pull-Down to VEE
50
kΩ
IDn Internal Pull-Up to CAP4
IDn = 0V
5
µA
PSE Timing Characteristics (Note 7)
tDET
Detection Time
Beginning to End of Detection
*
380
500
ms
tCEV
Class Event Duration
* 6
15
20
ms
tCEVON
Class Event Turn On Duration
CPORT = 0.6µF
*
0.1
ms
tCLASS
Class Event ICLASS Measurement Timing
* 6
ms
tME1
Mark Event Duration (Except Last Mark Event)
(Note 11)
* 6
9.6
12
ms
tME2
Last Mark Event Duration
(Note 11)
* 6
20
ms
tPON
Power On Delay
From End of Valid Detect to End of Valid Inrush (Note 14)
*
400
ms
tED
Fault Delay
From Power On Fault to Next Detect
* 1.0
1.3
1.8
s
tSTART
Maximum Current Limit Duration During Inrush
tSTART = 0x0
* 50
60
75
ms
tCUT
Maximum Current Overload Duration
tCUT = 0x0
* 50
60
75
ms
tLIM
Maximum Current Limit Duration After Inrush
(Note 12)
Type 1, tLIM = 0x0
50
60
75
ms
Spare, tLIM = 0x1
12
17
18
ms
Type 2, tLIM = 0x2
10
13
14
ms
Spare, tLIM = 0x3
6
11
12
ms
tMPS
Maintain Power Signature (MPS) Pulse Width
Sensitivity
Current Pulse Width to Reset Disconnect Timer (Note 8)
*
6
ms
tDIS
Maintain Power Signature (MPS) Dropout Time
tDIS = 0x0 (Note 5)
* 320
370
400
ms
tOSS-OFF
Shutdown Priority Delay
*
6.5
10
µs
tr_OSS
OSS Rise Time
* 1
300
ns
tf_OSS
OSS Fall Time
* 1
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com