Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1A3940-V2-R1 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # WS1A3940-V2-R1
Description  GaN on SiC Power Amplifier Module for 5G
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WS1A3940-V2-R1 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  WS1A3940-V2-R1 Datasheet HTML 1Page - WOLFSPEED, INC. WS1A3940-V2-R1 Datasheet HTML 2Page - WOLFSPEED, INC. WS1A3940-V2-R1 Datasheet HTML 3Page - WOLFSPEED, INC. WS1A3940-V2-R1 Datasheet HTML 4Page - WOLFSPEED, INC. WS1A3940-V2-R1 Datasheet HTML 5Page - WOLFSPEED, INC. WS1A3940-V2-R1 Datasheet HTML 6Page - WOLFSPEED, INC. WS1A3940-V2-R1 Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
All published data at TCASE = 25°C unless otherwise indicated
Rev. 03, 2023-02-04
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
WS1A3940
Package PG-LGA-6x6-3-1
GaN on SiC Power Amplifier Module for 5G
Features
• GaN on SiC technology
• Frequency: 3700-3980 MHz
• Average Output Power: 39.5 dBm
• PSAT = 48 dBm
• RF inputs matched to 50 Ω and DC matched
• Gate bias supply for main and peak sides available from either side
of device
• Integrated harmonic terminations
• Pb-free and RoHS compliant
WS1A3940
Description
The WS1A3940 is an Asymmetric Doherty Power Amplifier Module (PAM) integrating Wolfspeed GaN on SiC HEMT transistors with RF
matching and biasing networks on a multilayer laminate substrate with advanced heat sinking technology. The WS1A3940 has been
designed to operate from 3700 MHz to 3980 MHz, from supply voltages up to 50 V, at average output power levels of 8 to 10 W with crest-
factor reduced and digitally pre-distorted LTE and 5G NR signals with instantaneous bandwidths of 200 MHz or more. The device is housed
in a 6 mm X 6 mm land grid array (LGA) package.
Typical Broadband Performance
Single-carrier LTE Performance (tested in Wolfspeed applications circuit for 3700 – 4100 MHz)
VDD = 48 V, IDQ(main) = 45 mA, VGS(peak) = –5.1 V, channel bandwidth = 20 MHz, input PAR = 10 dB @ 0.01% CCDF
POUT
(dBM)
Gain
(dB)
Efficiency
(%)
ACPR –
(dBc)
ACPR +
(dBc)
PAR
(dB)
3700 MHz
39.5
14.5
53.0
–26
–26
8.3
3850 MHz
39.5
13.7
52.0
–30
–30
8.5
3980 MHz
39.5
12.9
51.0
–32
–32
8.5
4100 MHz
39.5
11.7
48.5
–29
–29
8.0


Similar Part No. - WS1A3940-V2-R1

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
WS1A3640 WOLFSPEED-WS1A3640 Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640-V2-R00A WOLFSPEED-WS1A3640-V2-R00A Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640-V2-R1 WOLFSPEED-WS1A3640-V2-R1 Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640-V2-R3K WOLFSPEED-WS1A3640-V2-R3K Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640V2-01 WOLFSPEED-WS1A3640V2-01 Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
More results

Similar Description - WS1A3940-V2-R1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
10W GaN on SiC Power Amplifier Die
RF3931D RFMD-RF3931D Datasheet
798Kb / 9P
30W GaN on SiC Power Amplifier Die
RF3932D RFMD-RF3932D Datasheet
831Kb / 9P
60W GaN on SiC Power Amplifier Die
RF3933D RFMD-RF3933D Datasheet
870Kb / 9P
90W GaN on SiC Power Amplifier Die
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
120W GaN on SiC Power Amplifier Die
RFHA3942D RFMD-RFHA3942D Datasheet
1Mb / 9P
35W Linear GaN on SiC Power Amplifier Die
logo
NXP Semiconductors
AFSC5G23D37 NXP-AFSC5G23D37 Datasheet
400Kb / 12P
Power Amplifier Module for LTE and 5G
Rev. 1, 05/2019
logo
Cree, Inc
WSGPA01 CREE-WSGPA01 Datasheet
208Kb / 5P
GaN on SiC General Purpose Amplifier
logo
WOLFSPEED, INC.
WS1A2639 WOLFSPEED-WS1A2639 Datasheet
391Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640 WOLFSPEED-WS1A3640 Datasheet
422Kb / 7P
GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com