Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4270 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4270
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 18Page - Analog Devices LTC4270 Datasheet HTML 19Page - Analog Devices LTC4270 Datasheet HTML 20Page - Analog Devices LTC4270 Datasheet HTML 21Page - Analog Devices LTC4270 Datasheet HTML 22Page - Analog Devices LTC4270 Datasheet HTML 23Page - Analog Devices LTC4270 Datasheet HTML 24Page - Analog Devices LTC4270 Datasheet HTML 25Page - Analog Devices LTC4270 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 22 of 34
LLDP Classification
Introduced in 802.3at and extended by 802.3bt, the PoE specifica-
tion defines a Link Layer Discovery Protocol (LLDP) method of
classification. The LLDP method adds extra fields to the Ethernet
LLDP data protocol.
Although the LTC9101-2A/LTC9102 is compatible with this classifi-
cation method, it cannot perform LLDP classification directly as it
does not have access to the data path. LLDP classification allows
the host to perform LLDP communication with the PD and update
the PD’s power allocation. The LTC9101-2A/LTC9102 supports
changing the "Police" levels dynamically, enabling system-level
LLDP support.
802.3at 2-Event Classification
In 802.3at, 802.3af classification is named Type 1 classification.
The 802.3at standard introduces an extension of Type 1 classifica-
tion: Type 2 (2-event) classification. Type 2 PSEs are required to
perform classification.
A Type 2 PD requesting 25.5W presents class signature 4 during
all class events. If a Type 2 PSE with 25.5W of available power
measures class signature 4 during the first class event, it forces the
PD to VMARK (9V typical), pauses briefly, and issues a second class
event, as shown in Figure 40. The second class event informs the
PD that the PSE has allocated 25.5W.
Figure 40. Type 2 PSE, 2-Event Class Sequence
Note that the second classification event only runs if required by the
IEEE classification procedure. For example, a Class 0 to 3 PD is
only issued a single class event, as shown in Figure 39.
The concept of demotion is introduced in 802.3at. A Type 2 PD
may be connected to a PSE only capable of delivering 13W,
perhaps due to power management limitations. In this case, the
PSE performs a single classification event, as shown in Figure
39, and note that 25.5W is requested. Due to the limited power
availability, the PSE does not issue a second event and proceeds
directly to power on the PD. The presence of a single class event
informs the Type 2 PD that it is demoted to 13W. If demoted, the
PD is subject to power limitations and may operate in a reduced
power mode.
Invalid Multi-Event Classification
Combinations
The 802.3at specification defines a set of valid class signature
combinations. All PDs return the same classification signature on
the first two class events.
Any individual class signature that exceeds the class current limit
is flagged as an invalid classification result. Any sequence of class
signatures that does not represent a legal sequence is likewise
flagged as an invalid classification result.
POWER CONTROL
The primary function of the LTC9101-2A/LTC9102 is to control
power delivery to the PSE port.
The LTC9101-2A/LTC9102 delivers power by controlling the gate
drive voltage of an external power MOSFET while monitoring the
current (through an external sense resistor) and the output voltage
(across the OUT pin).
The LTC9101-2A/LTC9102 connects the VEE power supply to the
PSE port in a controlled manner, meeting the power demands of
the PD while minimizing power dissipation in the external MOSFET
and disturbances to the VEE backplane.
Inrush Control
When commanded to apply power to a port, the LTC9101-2A/
LTC9102 ramp up the GATE pin, raising the external MOSFET gate
voltage in a controlled manner.
During a typical inrush, the MOSFET gate voltage rises until the
external MOSFET is fully enhanced or the port reaches the inrush
current limit (IINRUSH). IINRUSH is set automatically by the PSE.
IINRUSH is 425mA (typical).
The GATE pin is servoed if port current exceeds IINRUSH, actively
limiting current to IINRUSH. When the GATE pin is not being servoed,
the final VGS is 12V (typical).
During inrush, each port runs a timer (tSTART). The port stays in
inrush until tSTART expires. When tSTART expires, the PSE inspects
port voltage and current. Inrush is successful if the MOSFET is fully
enhanced and the port is drawing current below IINRUSH.
If inrush is not successful, power is removed and the corresponding
tSTART fault is set. Otherwise, the port advances to power on and
the programmed current limiting thresholds are used as described
in the Current Limit section.
Port Current Policing
The current policing threshold (Police) is monitored on a per-port
basis. When the output current over a tCUT moving average ex-
ceeds the specified threshold, power is removed from the port
and the corresponding ICUT fault is set. The "Police" threshold and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com