Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSGPA01-V1-R3K Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # WSGPA01-V1-R3K
Description  10 W, 5 GHz, GaN on SiC General Purpose Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

WSGPA01-V1-R3K Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  WSGPA01-V1-R3K Datasheet HTML 1Page - WOLFSPEED, INC. WSGPA01-V1-R3K Datasheet HTML 2Page - WOLFSPEED, INC. WSGPA01-V1-R3K Datasheet HTML 3Page - WOLFSPEED, INC. WSGPA01-V1-R3K Datasheet HTML 4Page - WOLFSPEED, INC. WSGPA01-V1-R3K Datasheet HTML 5Page - WOLFSPEED, INC. WSGPA01-V1-R3K Datasheet HTML 6Page - WOLFSPEED, INC. WSGPA01-V1-R3K Datasheet HTML 7Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02.1, 2021-07-13
3
WSGPA01
Ordering Information
Order Code
Description
WSGPA01-V1-R1
330 mm (13") Reel 100 pcs
WSGPA01-V1-R7
330 mm (13") Reel 750 pcs
WSGPA01-V1-R3K
330 mm (13") Reel 3,000 pcs
FXA/WSGPA01V1-19
2.496–2.690 GHz Evaluation Board
FXA/WSGPA01V1-14
3.3-3.7 GHz Evaluation Board
FXA/WSGPA01V1-15
3.4-3.8 GHz Evaluation Board
FXA/WSGPA01V1-16
3.4-3.6 GHz Evaluation Board
FXA/WSGPA01V1-17
3.6-3.8 GHz Evaluation Board
FXA/WSGPA01V1-18
3.7-3.98 GHz Evaluation Board
RF Characteristics
Single-carrier WCDMA Performance (tested in Wolfspeed production test fixture)
VDD = 48 V, IDQ(MAIN) = 25 mA, POUT = 26.5 dBm, ƒ = 3600 MHz, channel bandwidth = 3.84 MHz, input PAR = 10 dB @ 0.01% CCDF
Characteristics
Symbol
Min
Typ
Max
Unit
Gain
Gps
14.8
16.3
—
dB
Drain Efficiency
hD
14
18.2
—
%
Adjacent Channel Power Ratio
ACPR
—
–45.4
–41
dBc
Output PAR @ 0.01% CCDF
OPAR
8
9.1
—
dB
Evaluation Boards
Single-carrier WCDMA Performance (tested in Wolfspeed test fixture)
VDD = 48 V, IDQ = 25 mA, channel bandwidth = 3.84 MHz, input PAR = 10 dB @ 0.01% CCDF
Part Number
Frequency
Typical RF Performance
POUT
(dBm)
Eff
(%)
Gain
(dB)
PAR
(dB)
ACPR–
(dBc)
ACPR+
(dBc)
FXA/WSGPA01V1-19
2.496–2.690 GHz
25
17.1
19.4
8.5
–36.7
–36.9
FXA/WSGPA01V1-14
3.3-3.7 GHz
26.5
18
16
8.9
–45.1
–45.8
FXA/WSGPA01V1-15
3.4-3.8 GHz
26.5
15.7
16
9.4
–49.9
–49.1
FXA/WSGPA01V1-16
3.4-3.6 GHz
26.5
19
18.2
9.2
–45.4
–44.7
FXA/WSGPA01P3-17
3.6-3.8 GHz
26.5
19.2
18.2
9.2
–44.9
–44.3
FXA/WSGPA01P3-18
3.7-3.98 GHz
26.5
17.5
16.8
9.1
–46.3
–45.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com