Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS413A Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS413A
Description  Interactive Catalog Replaces Catalog Pages
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS413A Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS413A Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS413A Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS413A Datasheet HTML 3Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Solid State Sensors
SS400 Series
Digital Position Sensors
8
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
FEATURES
3.8-30 VDC supply voltage
Digital current sinking output
3 pin in-line PCB terminals
Quad-Hall design virtually eliminates
mechanical stress effects
Temperature compensated
magnetics
Operate/release points can be
customized
Bipolar, unipolar, latching magnetics
High output current capability
–50 mA absolute maximum
Operate/release points symmetrical
around zero gauss (bipolar/latch)
Operating temperature range of –40
to +150°C (–40 to +302°F)
Package material: Plaskon 3300H
Surface mount version available:
SS400-S (with cut and formed leads)
SS400 Series position sensors have a
thermally balanced integrated circuit over
full temperature range. The negative
compensation slope is optimized to
match the negative temperature coeffi-
cient of lower cost magnets. Bipolar,
latching and unipolar magnetics are
available.
Band gap regulation provides extremely
stable operation over 3.8 to 30 VDC sup-
ply voltage range. SS400 sensors are ca-
pable of continuous 20 mA sinking out-
put, and may be cycled as high as 50 mA
maximum.
NOTICE
Interruption of power to a latching de-
vice may cause the output to change
state when power is restored. If a mag-
netic field of sufficient strength is pre-
sent, the sensor output will be in the
condition dictated by the magnetic field.
ORDER GUIDE
Catalog Listing
SS411A
SS413A
SS441A
SS443A
SS449A
SS461A
SS466A
Magnetic Type
Bipolar
Bipolar
Unipolar
Unipolar
Unipolar
Latching
Latching
Supply Voltage (VDC)
3.8 to 30
3.8 to 30
3.8 to 30
3.8 to 30
3.8 to 30
3.8 to 30
3.8 to 30
Supply Current (max.)
10 mA
10 mA
10 mA
10 mA
10 mA
10 mA
10 mA
Output Type
Sink
Sink
Sink
Sink
Sink
Sink
Sink
Output Voltage (max.)
.40 V
.40 V
.40 V
.40 V
.40 V
.40 V
.40 V
Output Current, max.*
20 mA
20 mA
20 mA
20 mA
20 mA
20 mA
20 mA
Output Leakage Current, max.
10 µA10 µA10 µA10 µA10 µA10 µA10 µA
Output Switching Time
VCC=12 V,
RL=1.6 K,
C=20 pF
Rise (10-90%)
.05 µs typ.
.05 µs typ.
.05 µs typ.
.05 µs typ.
.05 µs typ.
.05 µs typ.
.05 µs typ.
1.5 µs max.
1.5 µs max.
1.5 µs max.
1.5 µs max.
1.5 µs max.
1.5 µs max.
1.5 µs max.
Fall (90-10%)
.15 µs typ.
.15 µs typ.
.15 µs typ.
.15 µs typ.
.15 µs typ.
.15 µs typ.
.15 µs typ.
1.5 µs max.
1.5 µs max.
1.5 µs max.
1.5 µs max.
1.5 µs max.
1.5 µs max.
1.5 µs max.
Magnetic Characteristics
G
mT
G
mT
G
mT
G
mT
G
mT
G
mT
G
mT
–40°C
Max. Op.
70
7.0
140 14.0
135 13.5
215 21.5
435 43.5
110 11.0
200 20.0
Min. Rel.
–70 –7.0
–140 –14.0
20
2.0
80
8.0
210 21.0
–110 –11.0
–200 –20.0
Min. Dif.
15
1.5
20
2.0
15
1.5
25
2.5
30
3.0
50
5.0
200 20.0
0°C
Max. Op.
65
6.5
140 14.0
117 11.7
190 19.0
400 40.0
90
9.0
185 18.5
Min. Rel.
–65 –6.5
–140 –14.0
20
2.0
80
8.0
230 23.0
– 90 – 9.0
–185 –18.5
Min. Dif.
15
1.5
20
2.0
18
1.8
25
2.5
30
3.0
50
5.0
200 20.0
25°C
Max. Op.
60
6.0
140 14.0
115 11.5
180 18.0
390 39.0
85
8.5
180 18.0
Min. Rel.
–60 –6.0
–140 –14.0
20
2.0
75
7.5
235 23.5
– 85 – 8.5
–180 –18.0
Min. Dif.
15
1.5
20
2.0
20
2.0
25
2.5
30
3.0
50
5.0
200 20.0
85°C
Max. Op.
60
6.0
140 14.0
120 12.0
180 18.0
400 40.0
85
8.5
180 18.0
Min. Rel.
–60 –6.0
–140 –14.0
15
1.5
70
7.0
215 21.5
– 85 – 8.5
–180 –18.0
Min. Dif.
12
1.2
20
2.0
15
1.5
15
1.5
30
3.0
50
5.0
190 19.0
125°C
Max. Op.
65
6.5
140 14.0
123 12.3
190 19.0
410 41.0
100 10.0
180 18.0
Min. Rel.
–65 –6.5
–140 –14.0
15
1.5
60
6.0
200 20.0
–100 –10.0
–180 –18.0
Min. Dif.
12
1.2
20
2.0
8
0.8
10
1.0
30
3.0
50
5.0
160 16.0
150°C
Max. Op.
70
7.0
140 14.0
125 12.5
200 20.0
420 42.0
110 11.0
185 18.5
Min. Rel.
–70 –7.0
–140 –14.0
10
1.0
55
5.5
185 18.5
–110 –11.0
–185 –18.5
Min. Dif.
10
1.0
20
2.0
5
0.5
5
0.5
30
3.0
50
5.0
140 14.0
* Absolute maximum output current is 50 mA for all SS400 listings.
G = Gauss.
mT = milliTesla.
Note: For SS400 on tape with straight or formed leads on 0.100 centers, contact the 800 number. One box contains 5,000 sensors.
PDFINFO
p a g e - 0 0 8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com