Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1017 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1017 Datasheet HTML 7Page - Microchip Technology TC1017 Datasheet HTML 8Page - Microchip Technology TC1017 Datasheet HTML 9Page - Microchip Technology TC1017 Datasheet HTML 10Page - Microchip Technology TC1017 Datasheet HTML 11Page - Microchip Technology TC1017 Datasheet HTML 12Page - Microchip Technology TC1017 Datasheet HTML 13Page - Microchip Technology TC1017 Datasheet HTML 14Page - Microchip Technology TC1017 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2003 Microchip Technology Inc.
DS21813B-page 11
TC1017
4.1
Input Capacitor
Low input source impedance is necessary for the LDO
to operate properly. When operating from batteries, or
in applications with long lead length (> 10") between
the input source and the LDO, some input capacitance
is required. A minimum of 0.1 µF is recommended for
most applications and the capacitor should be placed
as close to the input of the LDO as is practical. Larger
input capacitors will help reduce the input impedance
and further reduce any high-frequency noise on the
input and output of the LDO.
4.2
Output Capacitor
A minimum output capacitance of 1 µF for the TC1017
is required for stability. The equivalent series resis-
tance (ESR) requirements on the output capacitor are
between 0 and 2 ohms. The output capacitor should be
located as close to the LDO output as is practical.
Ceramic materials X7R and X5R have low temperature
coefficients and are well within the acceptable ESR
range required. A typical 1 µF X5R 0805 capacitor has
an ESR of 50 milli-ohms. Larger output capacitors can
be used with the TC1017 to improve dynamic behavior
and input ripple-rejection performance.
Ceramic, aluminum electrolytic or tantalum capacitor
types can be used. Since many aluminum electrolytic
capacitors freeze at approximately –30
°C, ceramic or
solid tantalums are recommended for applications
operating below –25
°C. When operating from sources
other than batteries, supply-noise rejection and
transient response can be improved by increasing the
value of the input and output capacitors and employing
passive filtering techniques.
4.3
Turn-On Response
The turn-on response is defined as two separate
response categories, wake-up time (tWK) and settling
time (tS).
The TC1017 has a fast wake-up time (10 µsec, typical)
when released from shutdown. See Figure 4-3 for the
wake-up time designated as tWK. The wake-up time is
defined as the time it takes for the output to rise to 2%
of the VOUT value after being released from shutdown.
The total turn-on response is defined as the settling
time (t
S) (see Figure 4-3). Settling time (inclusive with
tWK) is defined as the condition when the output is
within 98% of its fully-enabled value (32 µsec, typical)
when released from shutdown. The settling time of the
output voltage is dependent on load conditions and
output capacitance on VOUT (RC response).
The table below demonstrates the typical turn-on
response timing for different input voltage power-up
frequencies: VOUT = 2.85V, VIN = 5.0V, IOUT = 60 mA
and COUT = 1 µF.
FIGURE 4-3:
Wake-Up Time from Shutdown.
Frequency
Typical (tWK)
Typical (tS)
1000 Hz
5.3 µsec
14 µsec
500 Hz
5.9 µsec
16 µsec
100 Hz
9.8 µsec
32 µsec
50 Hz
14.5 µsec
52 µsec
10 Hz
17.2 µsec
77 µsec
VIH
tS
tWK
VOUT
98%
2%
VIL
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com