Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9451DP Datasheet(PDF) 2 Page - Belden Inc.

Part # 9451DP
Description  Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, Flamarrest® Jkt,CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9451DP Datasheet(HTML) 2 Page - Belden Inc.

  9451DP Datasheet HTML 1Page - Belden Inc. 9451DP Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.3 in (33 mm)
1.3 in (33 mm)
Max. Pull Tension:
45.5 lbs (20.6 kg)
Bulk Cable Weight:
24 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Plenum, Indoor
Flammability / Reaction to Fire:
NFPA 262 (UL910), FT6
NEC / UL Compliance:
Article 800, CMP
CEC / C(UL) Compliance:
CMP
European Directive Compliance:
EU CE Mark, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Non-Plenum Number:
9451D
History
Update and Revision:
Revision Number: 0.480 Revision Date: 01-20-2023
Part Numbers
Variants
Item #
Color
Putup Type
Length
UPC
Footnote
9451DP 009Z250
White
ReelTuff Box 250 ft
612825439363
9451DP 009500
White
Reel
500 ft
612825353249
9451DP 009Z500
White
ReelTuff Box 500 ft
612825439370
9451DP 009Z750
White
ReelTuff Box 750 ft
612825252894
9451DP 0091000
White
Reel
1,000 ft
612825433958 C
9451DP 009Z1000 White
ReelTuff Box 1,000 ft
612825439301
9451DP 0095000
White
Reel
5,000 ft
612825435174
9451DP 00910000 White
Reel
10,000 ft 612825377030
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com