Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1017-2.85VLT Datasheet(PDF) 14 Page - Microchip Technology

Part # TC1017-2.85VLT
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017-2.85VLT Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC1017-2.85VLT Datasheet HTML 10Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 11Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 12Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 13Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 14Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 15Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 16Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 17Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TC1017
DS21813B-page 14
 2003 Microchip Technology Inc.
FIGURE 5-3:
Power Dissipation vs.
Ambient Temperature (SOT-23 Package).
FIGURE 5-4:
Maximum Current vs.
Ambient Temperature (SOT-23 Package).
5.4
Layout Considerations
The primary path for heat conduction out of the SC-70
or SOT-23 package is through the package leads.
Using heavy wide traces at the pads of the device will
facilitate the removal of the heat within the package,
thus lowering the thermal resistance R
θJA. By lowering
the thermal resistance, the maximum internal power
dissipation capability of the package is increased.
FIGURE 5-5:
SC-70 Package Suggested
Layout.
0
100
200
300
400
500
600
700
-40
-15
10
35
60
85
110
Ambient Temperature (°C)
0
20
40
60
80
100
120
140
160
-40
-15
10
35
60
85
110
Ambient Temperature (°C)
VIN - VOUT = 1V
SHDN
U1
V
IN
V
OUT
GND
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com