Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT82887 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VT82887
Description  Real Time Clock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT82887 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VT82887 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT82887 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
VT82887
Real Time Clock
VIA Technologies, Inc.
interrupt conditions is described in greater
detail in other sections of this text.
The processor program can select which
interrupts, if any, are going to be used. Three
bits in Register B enable the interrupts.
Writing a logic 1 to an interrupt-enable bit
permits that interrupt to be initiated when the
event occurs. A zero in an interrupt-enable bit
prohibits the IRQ# pin from being asserted
from the interrupt condition. If an interrupt flag
is already set when the interrupt is enabled,
IRQ# is immediately set at an active level,
although the interrupt initiating the event may
have occurred much earlier. As a result, there
are cases where the program should clear
such earlier initiated interrupts before first
enabling new interrupts.
When an interrupt event occurs, the relating
flag bit is set to logic 1 in Register C. These
flag bits are set independent of the state of
the corresponding enable bit in Register B.
The flag bit can be used in a polling mode
without enabling the corresponding enable
bits. The interrupt flag bit is a status bit which
software can interrogate as necessary. When
the flag is set, an indication is given to
software that an interrupt event has occurred
since the flag bit was last read; however, care
should be taken when using the flag bits as
they are cleared each time Register C is read.
Double latching is included with Register C so
that
bits
which
are
set
remain
stable
throughout the read cycle. All bits which are
set (high) are cleared when read and new
interrupts which are pending during the read
cycle are held until the cycle is completed.
One, two, or three bits can be set when
reading Register C. Each utilized flag bit
should be examined when read to ensure that
no interrupts are lost.
The second flag bit usage method is with fully
enabled interrupts. When an interrupt flag bit
is set and the corresponding interrupt enable
bit is also set, the IRQ# pin is asserted low.
IRQ# is asserted as long as at least one of
three interrupt sources has its flag and enable
bits both set. The IRQF bit in Register C is a
one whenever the IRQ# pin is being driven
low. Determination that the RTC initiated an
interrupt is accomplished by reading Register
C. A logic one in bit 7 (IRQF bit) indicates that
one or more interrupts have been initiated by
the VT82887. The act of reading Register C
clears all active flag bits and the IRQF bit.
OSCILLATOR CONTROL BITS
The VT82887’s internal oscillator can be
turned on and off as required. A pattern of
010 in bits 4 through 6 of Register A will turn
the oscillator on and enable the countdown
chain. A pattern of 11X will turn the oscillator
on, but hold the countdown chain of the
oscillator in reset. All other combinations of
bits 4 through 6 keep the oscillator off.
SQUARE WAVE OUTPUT SELECTION
Thirteen of the 15 divider taps are made
available to a 1-of-15 selector, as shown in
the block diagram of Figure 1. The first
purpose of selecting a divider tap is to
generate a square wave output signal on the
SQW pin. The RS0-RS3 bits in Register A
establish the square wave output frequency.
These frequencies are listed in Table 1. The
SQW frequency selection shares its 1-of-15
selector with the periodic interrupt generator.
Once the frequency is selected, the output of
the SQW pin can be turned on and off under
program control with the square wave enable
bit (SQWE).
PERIODIC INTERRUPT SELECTION
The periodic interrupt will cause the IRQ# pin
to go to an active state from once every 500
ms to once every 122
µs. This function is
separate from the alarm interrupt which can
be output from once per second to once per
day. The periodic interrupt rate is select using
the same Register A bits which selected the
square
wave
frequency
(see
Table
1).
Changing the Register A bits affects both the
square wave frequency and the periodic
interrupt output. However, each function has
a separate enable bit in Register B. The
SQWE bit controls the square wave output.
Similarly the periodic interrupt is enabled by
the PIE bit in Register B. The periodic
interrupt can be used with software counters
to measure inputs, create output intervals, or
await the next needed software function.
UPDATE CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com