Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMD13 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PEMD13
Description  50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMD13 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PEMD13 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMD13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PEMD13
50 V, 100 mA NPN/PNP resistor-equipped double transistor;
R1 = 4.7 kΩ, R2 = 47 kΩ
28 December 2022
Product data sheet
1. General description
NPN/PNP double Resistor-Equipped Transistor (RET) in an ultra small and flat lead SOT666
Surface-Mounted Device (SMD) plastic package.
NPN/NPN complement: PEMH13
PNP/PNP complement: PEMB13
2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
3. Applications
• Low current peripheral driver
• Controlling IC inputs
• Replaces general-purpose transistors in digital applications
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor (TR2) with negative polarity where applicable
VCEO
collector-emitter
voltage
open base
-
-
50
V
IO
output current
-
-
100
mA
R1
bias resistor 1 (input)
[1]
3.3
4.7
6.1
kΩ
R2/R1
bias resistor ratio
[1]
8
10
12
[1] See section "Test information" for resistor calculation and test conditions.


Similar Part No. - PEMD13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD13 PHILIPS-PEMD13 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Sep 11
PEMD13 PHILIPS-PEMD13 Datasheet
56Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PEMD13 NXP-PEMD13 Datasheet
147Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PEMD13 NEXPERIA-PEMD13 Datasheet
1Mb / 17P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 3 - 7 December 2011
logo
NXP Semiconductors
PEMD13_PUMD13 PHILIPS-PEMD13_PUMD13_15 Datasheet
958Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 47 k?
Rev. 3-7 December 2011
More results

Similar Description - PEMD13

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC143EM NEXPERIA-PDTC143EM Datasheet
817Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
1 April 2023
PDTC143ZU-Q NEXPERIA-PDTC143ZU-Q Datasheet
227Kb / 11P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
22 February 2023
PUMB2-Q NEXPERIA-PUMB2-Q Datasheet
236Kb / 11P
50 V, 100 mA PNP/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
4 January 2023
PUMD15-Q NEXPERIA-PUMD15-Q Datasheet
254Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
8 March 2023
PDTC143ET-Q NEXPERIA-PDTC143ET-Q Datasheet
228Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
7 March 2022
PDTC143ET NEXPERIA-PDTC143ET Datasheet
809Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
1 April 2023
PUMH2-Q NEXPERIA-PUMH2-Q Datasheet
1Mb / 12P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
8 October 2021
PUMD13-Q NEXPERIA-PUMD13-Q Datasheet
250Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
PEMD48 NEXPERIA-PEMD48 Datasheet
242Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
29 December 2022
PEMH13 NEXPERIA-PEMH13 Datasheet
223Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
29 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com