Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMD2 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PEMD2
Description  NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMD2 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PEMD2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PEMD2 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PEMD2_PIMD2_PUMD2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 14 November 2013
9 of 18
NXP Semiconductors
PEMD2; PIMD2; PUMD2
NPN/PNP resistor-equipped transistors; R1 = 22 k
, R2 = 22 k
f=1MHz; Tamb =25 CVCE =5V; Tamb =25 C
Fig 9.
TR1 (NPN): Collector capacitance as a function
of collector-base voltage; typical values
Fig 10. TR1 (NPN): Transition frequency as a function
of collector current; typical values of built-in
transistor
VCE = 5V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 40 C
IC/IB =20
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 40 C
Fig 11. TR2 (PNP): DC current gain as a function of
collector current; typical values
Fig 12. TR2 (PNP): Collector-emitter saturation
voltage as a function of collector current;
typical values
VCB (V)
050
40
20
30
10
006aac798
1
2
3
Cc
(pF)
0
006aac757
IC (mA)
10-1
102
10
1
102
103
fT
(MHz)
10
IC (mA)
-10-1
-102
-10
-1
006aac800
102
10
103
hFE
1
(1)
(2)
(3)
006aac801
IC (mA)
-10-1
-102
-10
-1
-10-1
-1
VCEsat
(V)
-10-2
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com