Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMH13 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PEMH13
Description  50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMH13 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PEMH13 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMH13 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
PEMH13
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
GND1
GND (emitter) TR1
2
I1
input (base) TR1
3
O2
output (collector) TR2
4
GND2
GND (emitter) TR2
5
I2
input (base) TR2
6
O1
output (collector) TR1
1
2
3
4
5
6
SOT666
O1 I2
GND2
GND1
I1 O2
R2
TR1
TR2
R1
R2
R1
sym063
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PEMH13
SOT666
plastic, surface-mounted package; 6 leads; 0.5 mm pitch;
1.6 mm x 1.2 mm x 0.55 mm body
SOT666
7. Marking
Table 4. Marking codes
Type number
Marking code
PEMH13
21
PEMH13
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
29 December 2022
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com