Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMH2 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PUMH2
Description  NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMH2 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PUMH2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PEMH2_PUMH2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 5 December 2011
9 of 14
NXP Semiconductors
PEMH2; PUMH2
NPN/NPN resistor-equipped transistors; R1 = 47 k
, R2 = 47 k
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
11. Soldering
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type
number
Package Description
Packing quantity
3000
4000
8000
10000
PEMH2
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
PUMH2
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165
Reflow soldering is the only recommended soldering method.
Fig 12. Reflow soldering footprint PEMH2 (SOT666)
solder lands
placement area
occupied area
solder paste
sot666_fr
2.75
2.45
2.1
1.6
0.4
(6
×)
0.55
(2
×)
0.25
(2
×)
0.6
(2
×)
0.65
(2
×)
0.3
(2
×)
0.325
(4
×)
0.45
(4
×)
0.5
(4
×)
0.375
(4
×)
1.7
2
1.7
1.075
0.538
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com