Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMZ1 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PEMZ1
Description  NPN/PNP general purpose transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMZ1 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PEMZ1 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMZ1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Nexperia
PEMZ1
NPN/PNP general purpose transistor
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCB = 30 V; IE = 0 A; Tamb = 25 °C
-
-
100
nA
ICBO
collector-base cut-off
current
VCB = 30 V; IE = 0 A; Tj = 150 °C
-
-
10
µA
IEBO
emitter-base cut-off
current
VEB = 4 V; IC = 0 A; Tamb = 25 °C
-
-
100
nA
hFE
DC current gain
VCE = 6 V; IC = 1 mA; Tamb = 25 °C
120
-
-
VCEsat
collector-emitter
saturation voltage
IC = 50 mA; IB = 5 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
200
mV
fT
transition frequency
VCE = 12 V; IC = 2 mA; f = 100 MHz;
Tamb = 25 °C
100
-
-
MHz
Transistor 1 (NPN)
Cc
collector capacitance
VCB = 12 V; IE = 0 A; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
-
1.5
pF
Transistor 2 (PNP)
Cc
collector capacitance
VCB = -12 V; IE = 0 A; ie = 0 A;
f = 1 MHz; Tamb = 25 °C
-
-
2.2
pF
0
100
200
300
400
mhc005
10- 1
1
10
hFE
IC (mA)
102
103
TR1 (NPN): VCE = 5 V
Fig. 1. DC current gain as a function of collector
current; typical values
0
100
200
300
400
mhc004
- 10- 1
- 1
- 10
hFE
IC (mA)
- 102
- 103
TR2 (PNP): VCE = -5 V
Fig. 2. DC current gain as a function of collector
current; typical values
PEMZ1
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
29 December 2022
3 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com