Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1616A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SD1616A
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD1616A Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SD1616A Datasheet HTML 1Page - Nanjing International Group Co 2SD1616A Datasheet HTML 2Page - Nanjing International Group Co 2SD1616A Datasheet HTML 3Page - Nanjing International Group Co 2SD1616A Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1E-6
1E-5
1E-4
0.01
0.1
1
0.01
0.1
1
10
MAXIMUM FORWARD BIASED SAFE OPERATING AREA
In descending order
D=0.5, 0.2, 0.1, 0.05, 0.02, 0.01, Single Pulse
0.001
SQUARE WAVE PULSE DURATION, tp (sec)
NORMALISED TRAISIENT THERMAL IMPENDANCE
1
100
0.1
1
10ms
I
C
D=T
ON/T
RθJC=10℃/W
T
J,PK=TC+Zthjc×PDM×R
θJC
100us
1ms
DC
I
CM
RθJC=10℃/W
T
C=25℃
Single pulse
10
COLLECTOR TO EMITTER VOLTAGE VCE (V)
Typical Characteristics
5
Dongguan Nanjing Electronics Ltd.
2/4
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com