Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2136 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SD2136
Description  TO-126 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD2136 Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SD2136 Datasheet HTML 1Page - Nanjing International Group Co 2SD2136 Datasheet HTML 2Page - Nanjing International Group Co 2SD2136 Datasheet HTML 3Page - Nanjing International Group Co 2SD2136 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
10
100
1000
200
400
600
800
1000
1200
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1
10
100
1000
10
100
1000
0
200
400
600
800
1000
0.1
1
10
100
1000
01
23
45
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1
10
100
1000
1
10
100
1000
β=8
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
℃
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 4V
3000
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
——
V
BE
COMMON EMITTER
V
CE=4V
Static Characteristic
COMMON EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
0.4
3000
3000
3000
β=8
T a=
100
℃
T a=2
5℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
10mA
9mA
8mA
7mA
6mA
5mA
2mA
3mA
4mA
I
B=1mA
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com