Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC804 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 36Page - NXP Semiconductors LPC804 Datasheet HTML 37Page - NXP Semiconductors LPC804 Datasheet HTML 38Page - NXP Semiconductors LPC804 Datasheet HTML 39Page - NXP Semiconductors LPC804 Datasheet HTML 40Page - NXP Semiconductors LPC804 Datasheet HTML 41Page - NXP Semiconductors LPC804 Datasheet HTML 42Page - NXP Semiconductors LPC804 Datasheet HTML 43Page - NXP Semiconductors LPC804 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 25 July 2023
40 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
[1] The following applies to the limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2] Maximum/minimum voltage above the maximum operating voltage (see Table 12) and below ground that can be applied for a short time
(< 10 ms) to a device without leading to irrecoverable failure. Failure includes the loss of reliability and shorter lifetime of the device.
[3] Applies to all 5 V tolerant I/O pins except the 3 V tolerant pin PIO0_7.
[4] Including the voltage on outputs in 3-state mode.
[5] VDD present or not present.
[6] An ADC input voltage above 3.6 V can be applied for a short time without leading to immediate, unrecoverable failure. Accumulated
exposure to elevated voltages at 4.6 V must be less than 106 s total over the lifetime of the device. Applying an elevated voltage to the
ADC inputs for a long time affects the reliability of the device and reduces its lifetime.
[7] If the comparator is configured with the common mode input VIC = VDD, the other comparator input can be up to 0.2 V above or below
VDD without affecting the hysteresis range of the comparator function.
[8] It is recommended to connect an overvoltage protection diode between the analog input pin and the voltage supply pin.
[9] Dependent on package type.
[10] Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k series resistor.
[11] JEDEC (4.5 in  4 in); still air.
[12] Single layer (4.5 in  3 in); still air.
TSSOP20, based on package
heat transfer, not device power
consumption
[12] -
0.26
W
TSSOP24, based on package
heat transfer, not device power
consumption
[11] -
0.34
W
TSSOP24, based on package
heat transfer, not device power
consumption
[12] -
0.26
W
HVQFN33, based on package
heat transfer, not device power
consumption
[11] -
0.93
W
HVQFN33, based on package
heat transfer, not device power
consumption
[12] -
0.34
W
WLCSP20, based on package
heat transfer, not device power
consumption
[11] -
0.8
W
WLCSP20, based on package
heat transfer, not device power
consumption
[12] -
0.3
W
Vesd
electrostatic discharge voltage
human body model; all pins
[10] -
2000
V
Table 9.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com