Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC14568ED/R2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # PC14568ED/R2
Description  Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC14568ED/R2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button PC14568ED/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc PC14568ED/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PC14568ED/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC14568ED/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC14568ED/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC14568ED/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC14568ED/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC14568ED/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC14568ED/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Sensors
6
Freescale Semiconductor
MC14568
Figure 3. MC14568 Timing Diagram for the Timer Circuit
Figure 4. MC14568 Oscillator Waves in Stand By and Smoke Conditions
Pin 12 OSC CAP
Pin 1 TIMER START
Internal Clock
Pin 4 TIMER OUT
Pin 5 LED
Check for Smoke Window
231 Clock Cycles
6 Clock Cycles
Time
Time
Time
Time
Time
Time
Time
10 ms
1.67 s
40 ms
10 ms
Check for Smoke Window
Check for Smoke Window
SMOKE
NO SMOKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com