Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2002BL Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # D2002BL
Description  Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D2002BL Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  D2002BL Datasheet HTML 1Page - List of Unclassifed Manufacturers D2002BL Datasheet HTML 2Page - List of Unclassifed Manufacturers D2002BL Datasheet HTML 3Page - List of Unclassifed Manufacturers D2002BL Datasheet HTML 4Page - List of Unclassifed Manufacturers D2002BL Datasheet HTML 5Page - List of Unclassifed Manufacturers D2002BL Datasheet HTML 6Page - List of Unclassifed Manufacturers D2002BL Datasheet HTML 7Page - List of Unclassifed Manufacturers D2002BL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MEMSIC MXD2002A/B Rev.E
Page 7 of 8
5/15/2004
TEMPERATURE OUTPUT NOISE REDUCTION
It is recommended that a simple RC low pass filter is used
when measuring the temperature output. Temperature
output is typically a very slow changing signal, so a very
low frequency filter eliminates erroneous readings that may
result from the presence of higher frequency noise. A
simple filter is shown in Figure 8.
Filtered TOUT
8.2K
0.1uF
MEMSIC
Accel.
TOUT
Figure 8: Temperature Output Noise Reduction
POWER SUPPLY NOISE REJECTION
Two capacitors and a resistor are recommended for best
rejection of power supply noise (reference Figure 9 below).
The capacitors should be located as close as possible to the
device supply pins (VDA, VDD). The capacitor lead length
should be as short as possible, and surface mount capacitors
are preferred. For typical applications, capacitors C1 and
C2 can be ceramic 0.1 µF, and the resistor R can be 10 Ω.
In 5V applications where power consumption is not a
concern, maximum supply noise rejection can be obtained
by significantly increasing the values of C1, C2 and R. For
example, C1 = C2 = 0.47 µF and R = 270 Ω will virtually
eliminate power supply noise effects.
R
MEMSIC
Accelerometer
VDA
C1
C2
VDD
V SUPPLY
Figure 9: Power Supply Noise Rejection
PCB LAYOUT AND FABRICATION SUGGESTIONS
1. The Sck pin should be grounded to minimize noise.
2. Liberal use of ceramic bypass capacitors is
recommended.
3. Robust low inductance ground wiring should be used.
4. Care should be taken to ensure there is “thermal
symmetry” on the PCB immediately surrounding the
MEMSIC device and that there is no significant heat
source nearby.
5. A metal ground plane should be added directly beneath
the MEMSIC device. The size of the ground plane
should be similar to the MEMSIC device’s footprint
and as thick as possible.
6. Vias can be added symmetrically around the ground
plane. Vias increase thermal isolation of the device
from the rest of the PCB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com