Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1520SA Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1520SA
Description  PWM Control 2A Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1520SA Datasheet(HTML) 2 Page - Anachip Corp

  AP1520SA Datasheet HTML 1Page - Anachip Corp AP1520SA Datasheet HTML 2Page - Anachip Corp AP1520SA Datasheet HTML 3Page - Anachip Corp AP1520SA Datasheet HTML 4Page - Anachip Corp AP1520SA Datasheet HTML 5Page - Anachip Corp AP1520SA Datasheet HTML 6Page - Anachip Corp AP1520SA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1520
PWM Control 2A Step-Down Converter
Anachip Corp.
www.anachip.com.tw
Rev. 1.5 Apr 10, 2006
2/7
Ordering Information
AP 1520 X X
Package
Packing
S: SOP-8L
Blank : Tube
A : Taping
Block Diagram
Oscillation
Circuit
Reference Voltage
Source with Soft Start
PWM-Switched
Control Circuit
+
-
Vss
V
EN
EN
100uA
OCSET
FB
Vcc
Thermal
Shutdown
Output
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
VCC Pin Voltage
VSS - 0.3 to VSS + 25
V
VFB
Feedback Pin Voltage
VSS - 0.3 to VCC
V
VEN
EN Pin Voltage
VSS - 0.3 to VIN + 0.3
V
VOUTPUT
Switch Pin Voltage
VSS - 0.3 to VIN + 0.3
V
PD
Power Dissipation
Internally limited
mW
TOPR
Operating Temperature Range
-20 to +125
oC
TSTG
Storage Temperature Range
-40 to +150
oC
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must
therefore not be exceeded under any conditions.
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1520



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com