Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA2013D Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPA2013D
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2013D Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPA2013D Datasheet HTML 1Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 2Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 3Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 4Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 5Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 6Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 7Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 8Page - PCA ELECTRONICS INC. EPA2013D Datasheet HTML 9Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
Contents
10Base-T Networking
PCA Part No.
OCL (µH)
Turns Ratio
Package Style
Length
Width
Height
EPA1829C
1:1/1:1
16 Pin DIP
1.00
.400
.350
EPA1990A
200
1:1/1:1
16 Pin DIP
1.00
.280
.300
EPA2013D
1:1/1:1
16 Pin DIP
1.00
.280
.310
EPE6009S
200
1:1/1:1
16 Pin SOIC
.460
.280
.230
EPE6010S
200
1:1.414
16 Pin SOIC
.460
.260
.230
EPE6047S
400
2CT:1CT/1CT:1CT
16 Pin SMD
.460
.260
.230
EPE6051GM
1:1/1:1
14 Pin PCMCIA
.800
.530
.084
EPE6065AS
200
1:1/1:1.41
16 Pin SMD
.500
.270
.200
EPE6066
1:1/1:1
12 Pin SIL
1.240
.330
.430
EPE6117
1:1
62 Pin DIP
1.700
1.025
.400
EPE6119G
1:1/1:1
16 Pin SMD
1.005
.280
.230
EPE6133AG
1:1
14 Pin PCMCIA
.800
.530
.084
EPE6133LG
1:1
14 Pin PCMCIA
.800
.530
.084
EPE6150G
1:1/1:1
16 Pin SMD
.930
.390
.235
EPE6152M
1:1/1:1
8 Pin SIP
1.050
.310
.430
EPE6166CSE
160
1:1/1:1.41
16 Pin SMD
.550
.280
.250
EPE6166S
140
1:1/1:1.41
16 Pin SMD
.550
.280
.250
EPE6225S
150
1:1/1CT:1CT
16 Pin SMD
1.120
.670
.260
EPE6243S
1:1/1:1
Quad Pkg
1.00
1.00
.285
EPE6250S
1:1
16 Pin SMD
.610
.510
.330
EPE6271S
1:1/1:1
20 Pin SOIC
.610
.510
.330
EPE6272
1:1.41/1:1
10 Pin SIP
1.05
.200
.450
EPE6313S
1:1/1:1.41
16 Pin SMD
.550
.280
.250
EPE6313SE
1:1/1:1.41
16 Pin SMD
.550
.280
.250
EPE6333G
2CT:1CT/1CT:1CT
16 Pin SMD
.990
.400
.252
EPE6343G
1:1/1:1
16 Pin SMD
.930
.390
.235
EPE6356S
1:1.41/1:1
16 Pin SMD
1.265
.720
.310
EPE6370G
2:1/1:1
16 Pin SMD
.980
.390
.375
EPE6376S
110
1CT:1CT/1CT:1.41CT
16 Pin SMD
.500
.270
.220
EPE6381
1CT:1.41/1:1
12 Pin DIL
.800
.400
.250
EPE6382
140
1CT:1.41/1CT:1CT
16 Pin DIP
.800
.285
.240
EPE6386G
100
1:1.414/1:1
12 Pin SMD
.990
.270
.265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com