Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA4800CS Datasheet(PDF) 1 Page - Motorola, Inc

Part # CA4800CS
Description  The RF Line Wideband Linear Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA4800CS Datasheet(HTML) 1 Page - Motorola, Inc

  CA4800CS Datasheet HTML 1Page - Motorola, Inc CA4800CS Datasheet HTML 2Page - Motorola, Inc CA4800CS Datasheet HTML 3Page - Motorola, Inc CA4800CS Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CA4800C,CS CA4812C,CS CA4815C,CS
MOTOROLA RF DEVICE DATA
The RF Line
Wideband Linear Amplifiers
. . . designed for amplifier applications in 50 ohm systems requiring wide
bandwidth, low noise and low–distortion. This hybrid provides excellent gain
stability with temperature and linear amplification as a result of the push–pull
circuit design.
• Specified Characteristics at VCC = 24 V for CA4800C; 12 V for CA4812C;
15 V for CA4815C
, TC = 25°C:
Frequency Range — 10 to 1000 MHz
Output Power — 400 mW Typ @ 1 dB Compression, f = 900 MHz
Power Gain — 17.5 dB Typ @ 1000 MHz
Noise Figure — 6.5 dB Typ @ f = 500 MHz
ITO — 38 dBm Typ @ 1000 MHz
• All Gold Metallization for Improved Reliability
• CA4812C is Optimized for 12 V Operation
• CA4815C is Optimized for 15 V Operation
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Supply Voltage
CA4800C,CS
CA4815C,CS
CA4812C,CS
VCC
28
18
14
V
RF Input Power
Pin
+14
dBm
Storage Temperature
Tstg
–40 to +100
°C
Operating Case Temperature Range
TC
–20 to +100
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C, VCC = 24 V for CA4800C; 12 V for CA4812C; 15 V for CA4815C, 50 Ohm System)
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Current
CA4800C,CS
CA4812C,CS; CA4815C,CS
IDC
—
—
220
380
240
400
mA
Power Gain (f = 1000 MHz)
PG
16.5
17.5
18.5
dB
Bandwidth (3 dB Down at 10 MHz)
BW
10
—
1000
MHz
Gain Flatness (f = 40–1000 MHz)
FL
—
1
2
dB
Power Output — 1 dB Compression (f = 900 MHz)
Po 1dB
300
400
—
mW
Input/Output VSWR f = 40–900 MHz
Input/Output VSWR f = 900–1000 MHz
VSWR
—
—
—
—
2:1
2.6:1
—
Noise Figure, Broadband f = 500 MHz
Noise Figure, Broadband f = 1000 MHz
NF
—
—
6.5
7.5
8
9
dB
Third Order Intercept (f1 = 10–1000 MHz, See Figure 1)
ITO
37
38
—
dBm
Second Harmonic Distortion (Po = 100 mW, f2H = 1000 MHz)
dso
—
–50
–40
dB
Second Order Intermodulation Distortion
(Po = 2.75 dBm, f1 = 373 MHz, f2 = 450 MHz, See Figure 1)
IM2
—
—
–60
dB
Intermodulation Distortion, 3 Tone
(f = 860 MHz, Psync = 200 mW, See Figure 2)
IM3
—
–60
—
dB
Order this document
by CA4800C/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
CA4800C,CS
CA4812C,CS
CA4815C,CS
17 dB
10–1000 MHz
400 mW
WIDEBAND
LINEAR AMPLIFIERS
CASE 714P–03, STYLES 2, 3
CA4800C, CA4812C, CA4815C
CASE 714T–03, STYLES 1, 2
CA4800CS, CA4812CS,
CA4815CS
Motorola, Inc. 1995
REV 1


Similar Part No. - CA4800CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CA4800CS NXP-CA4800CS Datasheet
260Kb / 4P
Wideband Linear Amplifiers
REV 1
More results

Similar Description - CA4800CS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA2820 MOTOROLA-CA2820 Datasheet
95Kb / 3P
Wideband Linear Amplifiers
CA5800C MOTOROLA-CA5800C Datasheet
65Kb / 4P
The RF Line Wideband Linear Amplifiers
MHW607-1 MOTOROLA-MHW607-1 Datasheet
81Kb / 6P
The RF Line VHF Power Amplifiers
logo
List of Unclassifed Man...
A0105116A ETC2-A0105116A Datasheet
51Kb / 1P
MINIATURE WIDEBAND RF AMPLIFIERS
logo
NXP Semiconductors
CA2810C NXP-CA2810C Datasheet
260Kb / 4P
The RF Line Wideband Linear Amplifier
CA2830C NXP-CA2830C Datasheet
264Kb / 4P
The RF Line Wideband Linear Amplifier
CA2832C NXP-CA2832C Datasheet
256Kb / 4P
The RF Line Wideband Linear Amplifier
CA901A NXP-CA901A Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
CA4800C NXP-CA4800C Datasheet
260Kb / 4P
Wideband Linear Amplifiers
REV 1
CA5800C NXP-CA5800C Datasheet
255Kb / 4P
Wideband Linear Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com