Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP16N60C2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGP16N60C2
Description  HiPerFASTTM IGBT C2-Class High Speed IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP16N60C2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGP16N60C2 Datasheet HTML 1Page - IXYS Corporation IXGP16N60C2 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
G = Gate
C = Collector
E = Emitter
TAB = Collector
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C40
A
I
C110
T
C = 110°C16
A
I
D110
T
C = 110°C (IXG_16N60C2D1 diode)
11
A
I
CM
T
C = 25°C, 1 ms
100
A
SSOA
V
GE = 15 V, TJ = 125°C, RG = 22 Ω
I
CM = 32
A
(RBSOA)
Clamped inductive load
@0.8 V
CES
P
C
T
C = 25°C
150
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
(M3.5 screw)
0.55/5 Nm/lb.in.
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Maximum tab temperature
260
°C
soldering SMD devices for 10s
Weight
TO-220
4
g
TO-263
2
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
GE(th)
I
C = 250 µA, VCE = VGE
2.5
5.0
V
I
CES
V
CE = VCES
16N60C2
25
µA
V
GE = 0 V
16N60C2D1
50
µA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C = 12 A, VGE = 15 V
3.0
V
Note 2
T
J=125°C
2.1
V
DS99142A(3/04)
HiPerFASTTM IGBT
C2-Class High Speed
IGBT
IXGA 16N60C2
IXGP 16N60C2
IXGA 16N60C2D1
IXGP 16N60C2D1
V
CES
= 600 V
I
C25
=40 A
V
CE(sat)
= 3.0 V
t
fi(typ)
=35 ns
D1
TO-220 (I
XGP)
G C
E
C (TAB)
C (TAB)
G
C
TO-263 (I
XGA)
Advance Technical Information
Features
Very high frequency IGBT
High current handling capability
MOS Gate turn-on
- drive simplicity
Applications
PFC circuits
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
Advantages
High power density
Very fast switching speeds for high
frequency applications


Similar Part No. - IXGP16N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP16N60C2 IXYS-IXGP16N60C2 Datasheet
205Kb / 6P
HiPerFAST IGBTs C2-Class High Speed
IXGP16N60C2D1 IXYS-IXGP16N60C2D1 Datasheet
224Kb / 7P
HiPerFAST IGBTs C2-Class High Speed w/ Diode
More results

Similar Description - IXGP16N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH12N60B IXYS-IXGH12N60B Datasheet
34Kb / 2P
HiPerFASTTM IGBT
IXGH30N60B IXYS-IXGH30N60B Datasheet
53Kb / 2P
HiPerFASTTM IGBT
IXGH40N30BD1 IXYS-IXGH40N30BD1 Datasheet
108Kb / 4P
HiPerFASTTM IGBT
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGN50N60B IXYS-IXGN50N60B Datasheet
118Kb / 4P
HiPerFASTTM IGBT
IXGH60N60C2 IXYS-IXGH60N60C2 Datasheet
584Kb / 5P
HiPerFASTTM IGBT C2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
HiPerFAST IGBT C2- Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
HiPerFAST IGBT C2-Class High Speed IGBTs
IXGR40N60C2 IXYS-IXGR40N60C2 Datasheet
183Kb / 6P
HiPerFASTTM IGBT ISOPLUS247TM C2-Class High Speed IGBTs
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com