Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KBPC15
Description  10 to 40 Amp SINGLE PHASE SILICON BRIDGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KBPC15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KBPC15 Datasheet HTML 1Page - List of Unclassifed Manufacturers KBPC15 Datasheet HTML 2Page - List of Unclassifed Manufacturers KBPC15 Datasheet HTML 3Page - List of Unclassifed Manufacturers KBPC15 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
Features
Data Sheet
10 to 40 Amp
SINGLE PHASE SILICON BRIDGE
n BUILT-IN INTEGRAL HEAT SINK
n UL RECOGNITION AVAILABLE
n UP TO 400 AMP SURGE OVERLOAD RATING
n OPTION OF WIRE LEADS OR
FASTON TERMINALS
Electrical Characteristics @ 25oC.
Maximum Ratings
KBPC10 . . . 40XX Series
Units
Volts
Volts
Volts
............................................. 1 0 ...............................................
............................................. 1 5 ...............................................
............................................. 2 5 ...............................................
............................................. 3 5 ...............................................
............................................. 4 0 ...............................................
............................................. 200 ...............................................
............................................. 300 ...............................................
............................................. 300 ...............................................
............................................. 400 ...............................................
............................................. 400 ...............................................
............................................. 1.1 ...............................................
............................................. 1.1 ...............................................
............................................. 1.1 ...............................................
............................................. 1.1 ...............................................
............................................. 1.1 ...............................................
............................................. 2500 ...............................................
............................................. 5.0 ...............................................
............................................. 500 ...............................................
............................................. 1.9 ...............................................
............................................. 300 ...............................................
......................................... -55 to150 ..........................................
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Volts
Volts
Volts
Volts
Volts
Volts AC
µAmps
µAmps
°C / W
pF
°C
Page 3-28
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
-00
-01
-02
-04
-06
-08
-10
-12
50
100
200
400
600
800
1000
1200
35
70
140
280
420
560
700
840
50
100
200
400
600
800
1000
1200
Average Forward Rectified Current...I
F(av)
KBPC10
KBPC15
KBPC25
KBPC35
KBPC40
Non-Repetitive Peak Forward Surge
Current...I
FSM
KBPC10
KBPC15
KBPC25
KBPC35
KBPC40
Forward Voltage...V
F
KBPC10, I
F =
5A
KBPC15, I
F =
7.5A
KBPC25, I
F = 12.5A
KBPC35, I
F = 17.5A
KBPC40, I
F = 20.0A
Isolation Voltage Case to Leads...V
ISO
DC Reverse Current...I
R
@ Rated DC Blocking Voltage per Leg
T
A =25°C
T
A = 125°C
Typical Thermal Resistance...R
θJC
Junction to Case per Leg
Typical Junction Capacitance...C
J
Operating & Storage Temperature Range...T
J, TSTRG


Similar Part No. - KBPC15

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC15 WTE-KBPC15 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBPC15 ETC2-KBPC15 Datasheet
431Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC15 YANGJIE-KBPC15 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC15 CHENG-YI-KBPC15 Datasheet
135Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Diotech Company.
KBPC15 DIOTECH-KBPC15 Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
More results

Similar Description - KBPC15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5340 NTE-NTE5340 Datasheet
15Kb / 1P
Silicon Bridge Rectifier Single-Phase, 40 Amp
logo
Bytes
BR1005 BYTES-BR1005 Datasheet
145Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR1005 FORMOSA-BR1005 Datasheet
29Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
KBPSC10 FCI-KBPSC10 Datasheet
89Kb / 1P
10 to 15 Amp SINGLE PHASE SILICON BRIDGE
logo
UNIOHM CORPORATION
BR1005 UNIOHM-BR1005 Datasheet
60Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
GBU1001 GWSEMI-GBU1001 Datasheet
63Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
KBU1001 GWSEMI-KBU1001 Datasheet
64Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC1005 DGNJDZ-KBPC1005 Datasheet
193Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
FCI connector
KBPC10XX FCI-CONNECTOR-KBPC10XX Datasheet
198Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
Nanjing International G...
BR1005-BR1010 DGNJDZ-BR1005-BR1010 Datasheet
225Kb / 2P
SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com