Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB5433 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LB5433
Description  Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB5433 Datasheet(HTML) 4 Page - OSRAM GmbH

  LB5433 Datasheet HTML 1Page - OSRAM GmbH LB5433 Datasheet HTML 2Page - OSRAM GmbH LB5433 Datasheet HTML 3Page - OSRAM GmbH LB5433 Datasheet HTML 4Page - OSRAM GmbH LB5433 Datasheet HTML 5Page - OSRAM GmbH LB5433 Datasheet HTML 6Page - OSRAM GmbH LB5433 Datasheet HTML 7Page - OSRAM GmbH LB5433 Datasheet HTML 8Page - OSRAM GmbH LB5433 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2001-01-22
4
LB 5433, LV 5433, LT 5433
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LB
LV
LT
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 20 mA
λ
peak
465
503
523
nm
Dominantwellenlänge
1)
(typ.)
Dominant wavelength
1)
I
F = 20 mA
λ
dom
470
± 6
505
± 7
528
± 9
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 20 mA
∆λ
25
30
33
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
40
40
40
Grad
deg.
Durchlassspannung
(typ.)
Forward voltage
(max.)
I
F = 20 mA
V
F
V
F
3.5
4.2
3.3
4.2
3.3
4.2
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
0.01
10
0.01
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 20 mA
TCλpeak
0.04
0.03
0.04
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 20 mA
TCλdom
0.02
0.02
0.03
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 20 mA
TC
V
– 2.9
– 3.2
– 3.6
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 20 mA
η
opt
268
lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com