Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC40 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KBPC40
Description  10 to 40 Amp SINGLE PHASE SILICON BRIDGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KBPC40 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KBPC40 Datasheet HTML 1Page - List of Unclassifed Manufacturers KBPC40 Datasheet HTML 2Page - List of Unclassifed Manufacturers KBPC40 Datasheet HTML 3Page - List of Unclassifed Manufacturers KBPC40 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
10 to 40 Amp
SINGLE PHASE SILICON BRIDGE
NOTES: 1. Corrosion-Resistant Terminals Designed for .250" Female Quick Connect Wrap Around
or Solder.
2. A Thin Film of Silicone Thermal Compound is Recommended Between Bridge and
Mounting Surface for Improved Thermal Conduction.
3. These FCI Bridges Are Also Available in Fast Recovery, In Positive and Negative Center
Tap and in Double Configurations. Consult with FCI for Your Special Requirements.
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Page 3-30
Mechanical Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com