Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF8015G Datasheet(PDF) 13 Page - PCA ELECTRONICS INC.

Part # EPF8015G
Description  10Base-T Interface Module with Enhanced Common Mode Attenuation
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8015G Datasheet(HTML) 13 Page - PCA ELECTRONICS INC.

Back Button EPF8015G Datasheet HTML 9Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 10Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 11Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 12Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 13Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 14Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 15Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 16Page - PCA ELECTRONICS INC. EPF8015G Datasheet HTML 17Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
E L E C T R O N I C S I N C .
10Base-T Hub Module with
Enhanced CMA and Resistor Network
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for AMD/PHY Controllers
• Robust construction allows for IR/VP processes
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
Schematic
EPE6066
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6066
Rev. A
5/6/03
•
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-18/-11
Xmit/Rcv
@ 100 MHz
Xmit/Rcv
-30/-30
@ 30 MHz
-30/-20
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0 MHz
17/17
Xmit/Rcv
@ 50 MHz
Xmit/Rcv
-30/-30
Crosstalk
(dB Min.)
-35/-35
1-10 MHz
Xmit/Rcv
Attenuation
(dB Min.)
@ 20 MHz
-7/-5
Xmit/Rcv
@ 50-70 MHz
-33/-26
Xmit/Rcv
Transmit Channel
Receive Channel
LPF
1
2
3
4
61.9
Ω
61.9
Ω
422
Ω
422
Ω
1.2K
Ω
11
12
UTP Side
LPF
7
9
610
100
Ω
5
1:1
1:1
7
Chip Side
UTP Side
Chip Side
100
Ω
100
Ω
All Resistors are matched within ± 1 %.
.130
(3.30)
.018/.022
(.457/.559)
1.230
(31.24)
.100
(2.54)
.020/.023
(.508/.584)
.400/.430
(10.16/10.92)
.010
(.254)
PCA
EPE6066
Date Code
.165
(4.19)
3.20
(8.13)
Pin 1 I.D.
1.100
(27.94)
.065
(1.65)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com