Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2801R5S Datasheet(PDF) 9 Page - International Rectifier

Part # LS2801R5S
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LS2801R5S Datasheet(HTML) 9 Page - International Rectifier

Back Button LS2801R5S Datasheet HTML 5Page - International Rectifier LS2801R5S Datasheet HTML 6Page - International Rectifier LS2801R5S Datasheet HTML 7Page - International Rectifier LS2801R5S Datasheet HTML 8Page - International Rectifier LS2801R5S Datasheet HTML 9Page - International Rectifier LS2801R5S Datasheet HTML 10Page - International Rectifier LS2801R5S Datasheet HTML 11Page - International Rectifier LS2801R5S Datasheet HTML 12Page - International Rectifier LS2801R5S Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.irf.com
9
LS-SERIES
Figure 1: Radj Placement for Single Output Model
@HD
Avy‡r…
P†pvyyh‡‚…
>=1
0
0
0
Sh€ƒ
Brr…h‡‚…
Th€ƒyr
hqÃC‚yq
Arrqihpx
U…vttr…
QXH
C‚ˆ†r
xrrƒvt
Tˆƒƒy’
Gr‰ry
U…h†yh‡‚…ÃÉ
A@UÃ9…v‰r…
Tu‚…‡Ã8x‡ÃÉ
P‰r…y‚hq
Q…‚‡rp‡v‚
Wv
Wv
Sr‡ˆ…
Duviv‡
Pˆ‡
Pˆ‡
Sr‡ˆ…
8h†r
 $W
$W
@6
Pˆ‡ƒˆ‡
6qw
Sˆƒ
Sq‚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com