Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB5433-R Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LB5433-R
Description  Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB5433-R Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LB5433-R Datasheet HTML 3Page - OSRAM GmbH LB5433-R Datasheet HTML 4Page - OSRAM GmbH LB5433-R Datasheet HTML 5Page - OSRAM GmbH LB5433-R Datasheet HTML 6Page - OSRAM GmbH LB5433-R Datasheet HTML 7Page - OSRAM GmbH LB5433-R Datasheet HTML 8Page - OSRAM GmbH LB5433-R Datasheet HTML 9Page - OSRAM GmbH LB5433-R Datasheet HTML 10Page - OSRAM GmbH LB5433-R Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2001-01-22
10
LB 5433, LV 5433, LT 5433
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Kathodenkennung:
kürzerer Lötspieß
Cathode mark:
short solder lead
Gewicht / Approx. weight: 0.35 g
0.4 (0.016)
0.6 (0.024)
5.5 (0.217)
5.9 (0.232)
Area not flat
8.2 (0.323)
9.0 (0.354)
7.8 (0.307)
7.5 (0.295)
27.0 (1.063)
29.0 (1.142)
1.2 (0.047)
1.8 (0.071)
Cathode
GEXY6713



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com