Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2812D Datasheet(PDF) 7 Page - International Rectifier

Part # LS2812D
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LS2812D Datasheet(HTML) 7 Page - International Rectifier

Back Button LS2812D Datasheet HTML 3Page - International Rectifier LS2812D Datasheet HTML 4Page - International Rectifier LS2812D Datasheet HTML 5Page - International Rectifier LS2812D Datasheet HTML 6Page - International Rectifier LS2812D Datasheet HTML 7Page - International Rectifier LS2812D Datasheet HTML 8Page - International Rectifier LS2812D Datasheet HTML 9Page - International Rectifier LS2812D Datasheet HTML 10Page - International Rectifier LS2812D Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.irf.com
7
LS-SERIES
LS Series Output Voltage Adjustment
Output of LS series can be adjusted to be greater or less than the nominal output voltage with an external
resistor. However, the ranges of the output voltages are limited depending on the model as specified in
Table 1 and 2. An approximate value of the resistor can be determined using the following formula.
For Single Output Model:
Radj =
A - (B x Vout)
(C x Vout) - D
For Dual Output Model:
Radj =
A - (B x 2Vout)
(C x 2Vout) - D
Where:
Radj is the value of the external resistor in kilo-ohms, Rdown or Rup in Figure 1 or 2.
Power rating of the resistor shall be
≥ 0.125W. Metal film resistor with temperature coefficient
of
≤ ±50 ppm and tolerance of ≤ 1% is recommended. However, the final selection is dependent
on specific design requirements.
Vout is the desired output voltage in volts.
A, B, C, and D are unique constants depending on the model as shown in Table 1
for single output models and Table 2 for dual output models.
Table 1: Single Output Voltage Ranges and Constants
Model
Output Voltage Range
(V) (1)
AB
C
D
1.500 to 1.600
69.65
32.39
8.75
13.13
1.400 to 1.500
56.85
40.47
7.14
10.72
2.500 to 2.750
48.42
13.04
3.52
8.81
2.250 to 2.500
39.52
21.19
2.88
7.19
3.300 to 3.630
43.48
9.25
2.50
8.25
2.970 to 3.300
35.48
16.18
2.04
6.73
5.000 to 5.500
119.48
20.00
2.27
11.36
4.500 to 5.000
97.52
29.31
1.85
9.27
12.000 to 13.200
295.22
19.98
2.27
27.24
10.800 to 12.000
241.01
53.31
1.85
22.24
15.000 to 16.500
370.61
19.98
2.27
34.05
13.500 to 15.000
302.55
63.61
1.85
27.80
LS2805S
LS2812S
LS2815S
LS2801R5S
LS2802R5S
LS2803R3S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com