Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2803R5S Datasheet(PDF) 1 Page - International Rectifier

Part # LS2803R5S
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LS2803R5S Datasheet(HTML) 1 Page - International Rectifier

  LS2803R5S Datasheet HTML 1Page - International Rectifier LS2803R5S Datasheet HTML 2Page - International Rectifier LS2803R5S Datasheet HTML 3Page - International Rectifier LS2803R5S Datasheet HTML 4Page - International Rectifier LS2803R5S Datasheet HTML 5Page - International Rectifier LS2803R5S Datasheet HTML 6Page - International Rectifier LS2803R5S Datasheet HTML 7Page - International Rectifier LS2803R5S Datasheet HTML 8Page - International Rectifier LS2803R5S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
08/11/06
www.irf.com
1
Description
n 18 to 40V DC Input Range
n Total Ionization Dose > 100K Rad(Si)
n SEE Hardened to LET (Heavy Ions) up to
82 MeV
•cm
2
/mg (SEU, SEL, SEGB, SEGR)
n Internal EMI filter; Converter Capable of
meeting MIL-STD-461C CE03
n Low Weight, < 80 grams
n Magnetically Coupled Feedback
n Up to 30W Output Power
n Single and Dual Output Models Include
1.5, 2.5, 3.3, 5, 12, 15,
±5, ±12 and ±15V
n High Efficiency - to 83%
n 100MΩ @ 500VDC Isolation
n Under-Voltage Protection
n Short Circuit and Overload Protection
n Adjustable Output Voltage
n External Inhibit
n > 4,000,000 Hour MTBF (SF)
n Standard Microcircuit Drawings Available
Features
The LS-Series of DC/DC converters provide same
mechanical outline, power ratings, for backward pin
compatibility, to their lower radiation tolerant counterpart
M3L and Military series ATS DC/DC converters. The
common platform design allows for similarity between
military and space system architectures. For higher
output power applications the HM, M3H and M3G-Series
of DC/DC converters are recommended.
Applications
The LS-Series of DC/DC converters are, high reliability
devices designed for hostile radiation hardened
environments. The LS-Series provide up to 30 watts
output power, small size, low weight, integrated EMI
filtering and a high tolerance to environmental stresses
such as radiation, temperature extremes, mechanical
shock, and vibration. All components are fully de-rated
to meet the requirements of MIL-STD-975. Extensive
documentation including, thermal analysis, stress
analysis and reliability predictions are available.
The LS-Series of converters incorporate a fixed
frequency single forward topology with magnetic
feedback and an internal EMI filter. These converters
are capable of meeting the conducted emissions
requirements of MIL-STD-461C without any additional
components. All models include an external inhibit port
and have an adjustable output voltage.
They are
enclosed in a hermetic 1.5" x 2.3" x 0.425" steel package
and weigh less than 80 grams. The package utilizes
rugged ceramic feed-through copper core pins and is
sealed using parallel seam welding.
Variations in electrical specifications and screening to
meet custom requirements can be accommodated.
n Geo Synchronous Satellite
n Low Earth Orbit
n Deep Space Probe
n Communication and Display Systems
n Payload and Experiment LVPS
LS-SERIES
28V Input, Single/Dual Output
HYBRID - HIGH RELIABILITY
RADIATION HARDENED
DC/DC CONVERTER
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
LS
PD-96964A


Similar Part No. - LS2803R5S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
LS2803R3D IRF-LS2803R3D Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2803R3DCKA IRF-LS2803R3DCKA Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2803R3DCKC IRF-LS2803R3DCKC Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2803R3DCMA IRF-LS2803R3DCMA Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2803R3DCMC IRF-LS2803R3DCMC Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - LS2803R5S

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQFL-28-1R5S SYNQOR-MQFL-28-1R5S Datasheet
1Mb / 17P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28-1R8S SYNQOR-MQFL-28-1R8S Datasheet
1Mb / 17P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-3R3S SYNQOR-MQFL-28V-3R3S Datasheet
850Kb / 19P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28V-06S SYNQOR-MQFL-28V-06S Datasheet
1Mb / 19P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-3R3S SYNQOR-MQFL-28VE-3R3S Datasheet
1Mb / 19P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-05S SYNQOR-MQFL-28VE-05S Datasheet
1Mb / 19P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-09S SYNQOR-MQFL-28VE-09S Datasheet
1Mb / 19P
HIGH RELIABILITY DC-DC CONVERTER
MQFL-28VE-12S SYNQOR-MQFL-28VE-12S Datasheet
1Mb / 19P
HIGH RELIABILITY DC-DC CONVERTER
logo
International Rectifier
HTA IRF-HTA_10 Datasheet
170Kb / 14P
HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3SES IRF-ATS2803R3SES Datasheet
162Kb / 10P
HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com