Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2802R5D Datasheet(PDF) 11 Page - International Rectifier

Part # LS2802R5D
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LS2802R5D Datasheet(HTML) 11 Page - International Rectifier

Back Button LS2802R5D Datasheet HTML 7Page - International Rectifier LS2802R5D Datasheet HTML 8Page - International Rectifier LS2802R5D Datasheet HTML 9Page - International Rectifier LS2802R5D Datasheet HTML 10Page - International Rectifier LS2802R5D Datasheet HTML 11Page - International Rectifier LS2802R5D Datasheet HTML 12Page - International Rectifier LS2802R5D Datasheet HTML 13Page - International Rectifier LS2802R5D Datasheet HTML 14Page - International Rectifier LS2802R5D Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.irf.com
11
LS-SERIES
LS2801R5S Typical Efficiency at 25°C
0
10
20
30
40
50
60
70
0
10
2030
4050
6070
80
90
100
% of Rated Load
18V
28V
40V
LS2802R5S Typical Efficiency at 25°C
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
70
80
90
100
% of Rated Load
18V
28V
40V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com