Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2801R5S/CK Datasheet(PDF) 14 Page - International Rectifier

Part # LS2801R5S/CK
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

LS2801R5S/CK Datasheet(HTML) 14 Page - International Rectifier

Back Button LS2801R5S/CK Datasheet HTML 8Page - International Rectifier LS2801R5S/CK Datasheet HTML 9Page - International Rectifier LS2801R5S/CK Datasheet HTML 10Page - International Rectifier LS2801R5S/CK Datasheet HTML 11Page - International Rectifier LS2801R5S/CK Datasheet HTML 12Page - International Rectifier LS2801R5S/CK Datasheet HTML 13Page - International Rectifier LS2801R5S/CK Datasheet HTML 14Page - International Rectifier LS2801R5S/CK Datasheet HTML 15Page - International Rectifier LS2801R5S/CK Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
www.irf.com
LS-SERIES
Block Diagram - Single Output
Block Diagram - Dual Output
@HDÃ
Avy‡r…
P†pvyyh‡‚…
>=1
0
0
0
Sh€ƒÃ
Brr…h‡‚…
Th€ƒyrÃ
hqÃC‚yq
ArrqihpxÃ
U…vttr…
QXH
7vh†Ã
Tˆƒƒy’
Gr‰ryÃ
U…h†yh‡‚…ÃÉÃ
A@UÃ9…v‰r…Ã
Tu‚…‡Ã8x‡ÃÉÃ
P‰r…y‚hqÃ
Q…‚‡rp‡v‚Ã
7
6
3
1
2
4
WÃvƒˆ‡
Dƒˆ‡Ã
Sr‡ˆ…
Duviv‡
Wˆ‡
Pˆ‡ƒˆ‡Ã
Sr‡ˆ…
8h†rÃ
B…‚ˆq
 $W
$W
@6
5
Pˆ‡ƒˆ‡Ã
6qwˆ†‡
@HDÃ
Avy‡r…
P†pvyyh‡‚…
>=1
0
0
0
Sh€ƒÃ
Brr…h‡‚…
Th€ƒyrÃ
hqÃC‚yq
ArrqihpxÃ
U…vttr…
QXH
7vh†Ã
Tˆƒƒy’
Gr‰ryÃ
U…h†yh‡‚…ÃÉÃ
A@UÃ9…v‰r…Ã
Tu‚…‡Ã8x‡ÃÉÃ
P‰r…y‚hqÃ
Q…‚‡rp‡v‚Ã
8
6
3
1
2
4
WÃvƒˆ‡
Dƒˆ‡
Sr‡ˆ…
Duviv‡
Pˆ‡ƒˆ‡Ã
Sr‡ˆ…
8h†rÃ
B…‚ˆq
 $W
$W
@6
5
Pˆ‡ƒˆ‡Ã
6qwˆ†‡
7
ÃWˆ‡
Wˆ‡



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com