Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8152 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8152
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8152 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8152 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8152 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8152 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8152 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8152 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8152 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8152 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8152 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8152 Datasheet HTML 26Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
WM8152
Production Data
w
PD Rev 4.0 January 2004
24
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
DVDD2
AGND1
VINP
MCLK
VSMP
SCK
SEN
SDI
OP[0]
OP[1]
OP[2]
OP[3]/SDO
VRLC/VBIAS
VRX
VRT
VRB
AVDD
C1
C6
C8
C4
C5
C7
C9
AVDD
Video
Input
Timing
Signals
Interface
Controls
Output
Data
Bus
DGND
AGND
AGND
AGND
DGND
C3
AGND
AGND2
C10
C12
AVDD
++
DGND
AGND
DVDD2
C11
+
DGND
DVDD1
WM8152
C1-9 should be fitted as close to WM8152 as possible.
NOTES:
AGND and DGND should be connected as close to WM8152 as possible.
1.
2.
DVDD2
C2
DGND
DVDD1
DVDD1
Figure 19 External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1
100nF
De-coupling for DVDD2.
C2
100nF
De-coupling for DVDD1.
C3
100nF
De-coupling for AVDD.
C4
10nF
High frequency de-coupling between VRT and VRB.
C5
1
µF
Low frequency de-coupling between VRT and VRB (non-polarised).
C6
100nF
De-coupling for VRB.
C7
100nF
De-coupling for VRX.
C8
100nF
De-coupling for VRT.
C9
100nF
De-coupling for VRLC.
C10
10
µF
Reservoir capacitor for DVDD2.
C11
10
µF
Reservoir capacitor for DVDD1.
C12
10
µF
Reservoir capacitor for AVDD.
Table 6 External Components Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com