Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBO55 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VBO55
Description  Single Phase Rectifier Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO55 Datasheet(HTML) 1 Page - IXYS Corporation

  VBO55 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 IXYS All rights reserved
1 - 1
V
RSM
V
RRM Types
VV
900
800
VBO 55-08NO7
1300
1200
VBO 55-12NO7
1500
1400
VBO 55-14NO7
1700
1600
VBO 55-16NO7
1900
1800
VBO 55-18NO7
Symbol
Test Conditions
Maximum Ratings
I
dAV
xT
C = 100°C, module
55
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
750
A
V
R = 0
t = 8.3 ms (60 Hz), sine
820
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
600
A
V
R = 0
t = 8.3 ms (60 Hz), sine
700
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
2800
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
2820
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
2200
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
2250
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL £ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M5)
5 ± 15 %
Nm
(10-32 UNF)
44 ± 15 %
lb.in.
Weight
typ.
110
g
I
dAV
= 55 A
V
RRM = 800-1600 V
Symbol
Test Conditions
Characteristic Values
I
R
V
R
= V
RRM;TVJ = 25°C
£
0.5
mA
V
R
= V
RRM;TVJ = TVJM
£
10
mA
V
F
I
F
= 150 A;
T
VJ = 25°C
£
1.6
V
V
T0
For power-loss calculations only
0.8
V
r
T
T
VJ = TVJM
6m
W
R
thJC
per diode; DC current
1.3
K/W
per module
0.325
K/W
R
thJK
per diode, DC current
1.6
K/W
per module
0.4
K/W
d
S
Creeping distance on surface
16.1
mm
d
A
Creepage distance in air
7.5
mm
a
Max. allowable acceleration
50
m/s2
Features
• Package with copper base plate
• Isolation voltage 3000 V~
• Planar passivated chips
• Low forward voltage drop
• 1/4" fast-on power terminals
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power
cycling capability
• Small and light weight
Dimensions in mm (1 mm = 0.0394")
Preliminary data
Data according to IEC 60747 refer to a single diode unless otherwise stated
x for resistive load at bridge output. IXYS reserves the right to change limits, test conditions and dimensions.
VBO 55
Single Phase
Rectifier Bridge


Similar Part No. - VBO55

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO50 IXYS-VBO50 Datasheet
67Kb / 2P
Single Phase Rectifier Bridge
VBO50-08NO7 IXYS-VBO50-08NO7 Datasheet
67Kb / 2P
Single Phase Rectifier Bridge
VBO50-12NO7 IXYS-VBO50-12NO7 Datasheet
67Kb / 2P
Single Phase Rectifier Bridge
VBO50-14NO7 IXYS-VBO50-14NO7 Datasheet
67Kb / 2P
Single Phase Rectifier Bridge
VBO50-16NO7 IXYS-VBO50-16NO7 Datasheet
67Kb / 2P
Single Phase Rectifier Bridge
More results

Similar Description - VBO55

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com