Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7134LA55F Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7134LA55F
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA55F Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7134LA55F Datasheet HTML 1Page - Integrated Device Technology IDT7134LA55F Datasheet HTML 2Page - Integrated Device Technology IDT7134LA55F Datasheet HTML 3Page - Integrated Device Technology IDT7134LA55F Datasheet HTML 4Page - Integrated Device Technology IDT7134LA55F Datasheet HTML 5Page - Integrated Device Technology IDT7134LA55F Datasheet HTML 6Page - Integrated Device Technology IDT7134LA55F Datasheet HTML 7Page - Integrated Device Technology IDT7134LA55F Datasheet HTML 8Page - Integrated Device Technology IDT7134LA55F Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IDT7134SA/LA
High-Speed 4K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
2
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. P48-1 package body is approximately .55 in x .61 in x .19 in.
C48-2 package body is approximately .62 in x 2.43 in x .15 in.
J52-1 package body is approximately .75 in x .75 in x .17 in.
L48-1 package body is approximately .57 in x .57 in x .68 in.
F48-1 package body is approxiamtely .75 in x .75 in x .11 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of actual part-marking.
A10R
2720 drw 02
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
I/O6R
I/O7R
A9R
A8R
A7R
A6R
A4R
A3R
A2R
A1R
A0R
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
148
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O 0L
I/O 1L
I/O 2L
I/O 3L
I/O 4L
I/O 5L
I/O 6L
I/O 7L
IDT7134P or C
P48-1(4)
&
C48-2(4)
48-Pin
Top
View(5)
CEL
R/
WL
OEL
VCC
A5R
R
OE
A11R
R/
WR
CER
A11L
A10L
GND
,
2720 drw 03
IDT7134J
J52-1(4)
52-Pin
PLCC
Top View(5)
INDEX
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
N/C
I/O7R
46
45
44
43
42
41
40
39
38
37
36
35
34
I/O3L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
8
9
10
11
12
13
14
15
16
17
18
19
20
47
48
49
50
51
52
1
2
3
4
5
6
7
33
32
31
30
29
28
27
26
25
24
23
22
21
2720 drw 04
IDT7134L48 or F
L48-1(4)
&
F48-1(4)
48-Pin LCC/Flatpack
Top View(5)
INDEX
65
4
3
2
1
48 47 46 45 44 43
19 20 21 22 23
25 26 27 28 29 30
24
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O6R
I/O7R
42
41
40
39
38
37
36
35
34
33
32
31
7
8
9
10
11
12
13
14
15
16
17
18
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com