Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAH Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # SAH
Description  Tantalum Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SAH Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  SAH Datasheet HTML 1Page - Sharma Electro Components,Inc SAH Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: FOR 10% TOLERANCE CHANGE TOLERANCE CODE FROM M TO K.
FOR 5% TOLERANCE CHANGE TOLERANCE CODE FROM M TO J.
STANDARD REEL SIZE AND ORIENTATION = R. FOR OTHER SEE ORDERING INFORMATION ON PAGE 3.
S
HARMA
CAP
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
OHMS at
Irms Amps
µF
µA
at+25°C
100KHz
at 100 KHz
SAH A
335 M 04 R 202
3.3
0.5
6
9.0
0.088
SAH B
106 M 04 R 202
10
0.5
6
4.0
0.141
SAH C
336 M 04 R 202
33
1.3
6
2.2
0.224
SAH D2 686 M 04 R 501
68
2.7
6
1.1
0.363
SAH D
686 M 04 R 501
68
2.7
6
1.1
0.369
S
HARMA
CAP
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
OHMS at
Irms Amps
µF
µA
at+25°C
100KHz
at 100 KHz
SAH A
225 M 06 R 202
2.2
0.5
6
9.0
0.088
SAH B
685 M 06 R 202
6.8
0.5
6
4.0
0.141
SAH C
226 M 06 R 501
22
1.4
6
2.2
0.224
SAH D2 476 M 06 R 501
47
3.0
6
1.1
0.363
SAH D
476 M 06 R 501
47
3.0
6
1.1
0.369
S
HARMA
CAP
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
OHMS at
Irms Amps
µF
µA
at+25°C
100KHz
at 100 KHz
SAH A
155 M 10 R 202
1.5
0.5
6
10.0
0.084
SAH B
475 M 10 R 202
4.7
0.5
6
4.0
0.141
SAH C
156 M 10 R 501
15
1.5
6
2.2
0.224
SAH D2 336 M 10 R 501
33
3.3
6
1.1
0.363
SAH D
336 M 10 R 501
33
3.3
6
1.1
0.369
S
HARMA
CAP
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
OHMS at
Irms Amps
µF
µA
at+25°C
100KHz
at 100 KHz
SAH A
105 M 16 R 202
1
0.5
4
11.0
0.080
SAH B
335 M 16 R 202
3.3
0.5
6
4.4
0.135
SAH C
106 M 16 R 501
10
1.6
6
2.2
0.224
SAH D2 226 M 16 R 501
22
3.5
6
1.1
0.363
SAH D
226 M 16 R 501
22
3.5
6
1.1
0.369
S
HARMA
CAP
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
OHMS at
Irms Amps
µF
µA
at+25°C
100KHz
at 100 KHz
SAH A
684 M 20 R 202
0.68
0.5
4
12.0
0.076
SAH B
225 M 20 R 202
2.2
0.5
6
5.0
0.126
SAH C
685 M 20 R 501
6.8
1.4
6
2.4
0.274
SAH D2 156 M 20 R 501
15
3.0
6
1.1
0.363
SAH D
156 M 20 R 501
15
3.0
6
1.1
0.369
4 V DC Rated Voltage
Surge Voltage 5 VDC @ 85°C and 3.2 VDC @ 125°C
SAH SERIES SPECIFICATIONS
6.3 V DC Rated Voltage
Surge Voltage 8 VDC @ 85°C and 5 VDC @ 125°C
10 V DC Rated Voltage
Surge Voltage 13 VDC @ 85°C and 8 VDC @ 125°C
16 V DC Rated Voltage
Surge Voltage 20 VDC @ 85°C and 13 VDC @ 125°C
20 V DC Rated Voltage
Surge Voltage 26 VDC @ 85°C and 16 VDC @ 125°C
S
HARMA
CAP
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
OHMS at
Irms Amps
µF
µA
at+25°C
100KHz
at 100 KHz
SAH A
474 M 25 R 202
0.47
0.5
4
14.0
0.071
SAH B
155 M 25 R 202
1.5
0.5
6
5.5
0.121
SAH C
475 M 25 R 501
4.7
1.2
6
2.4
0.214
SAH D2 106 M 25 R 501
10
2.5
6
1.2
0.348
SAH D
106 M 25 R 501
10
2.5
6
1.2
0.354
S
HARMA
CAP
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
OHMS at
Irms Amps
µF
µA
at+25°C
100KHz
at 100 KHz
SAH A
104 M 35 R 202
0.1
0.5
4
24.0
0.054
SAH A
154 M 35 R 202
0.15
0.5
4
21.0
0.058
SAH A
224 M 35 R 202
0.22
0.5
4
18.0
0.062
SAH A
334 M 35 R 202
0.33
0.5
4
15.0
0.068
SAH B
474 M 35 R 202
0.47
0.5
4
10.0
0.089
SAH B
684 M 35 R 202
0.68
0.5
4
8.0
0.100
SAH B
105 M 35 R 202
1
0.5
4
6.5
0.111
SAH C
155 M 35 R 501
1.5
0.5
6
4.5
0.156
SAH C
225 M 35 R 501
2.2
0.8
6
3.5
0.177
SAH C
335 M 35 R 501
3.3
1.2
6
2.5
0.210
SAH D2 475 M 35 R 501
4.7
1.6
6
1.5
0.311
SAH D
475 M 35 R 501
4.7
1.6
6
1.5
0.316
SAH D2 685 M 35 R 501
6.8
2.4
6
1.3
0.334
SAH D
685 M 35 R 501
6.8
2.4
6
1.3
0.340
S
HARMA
CAP
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
OHMS at
Irms Amps
µF
µA
at+25°C
100KHz
at 100 KHz
SAH A
104 M 50 R 202
0.1
0.5
4
22.0
0.056
SAH B
154 M 50 R 202
0.15
0.5
4
17.0
0.069
SAH B
224 M 50 R 202
0.22
0.5
4
14.0
0.076
SAH B
334 M 50 R 202
0.33
0.5
4
12.0
0.082
SAH C
474 M 50 R 501
0.47
0.5
4
8.0
0.117
SAH C
684 M 50 R 501
0.68
0.5
4
7.5
0.121
SAH C
105 M 50 R 501
1
0.5
4
5.5
0.141
SAH D2 155 M 50 R 501
1.5
0.8
6
4.0
0.132
SAH D
155 M 50 R 501
1.5
0.8
6
3.5
0.141
SAH D2 225 M 50 R 501
2.2
1.1
6
2.5
0.249
SAH D
225 M 50 R 501
2.2
1.1
6
2.5
0.241
25 V DC Rated Voltage
Surge Voltage 32 VDC @ 85°C and 20 VDC @ 125°C
35 V DC Rated Voltage
Surge Voltage 45 VDC @ 85°C and 28 VDC @ 125°C
50 V DC Rated Voltage
Surge Voltage 63 VDC @ 85°C and 40 VDC @ 125°C
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com