Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAL Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # SAL
Description  Tantalum Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SAL Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  SAL Datasheet HTML 1Page - Sharma Electro Components,Inc SAL Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SAL SERIES SPECIFICATIONS
6.3 V DC Rated Voltage
Surge Voltage 8 VDC @ 85°C and 5 VDC @ 125°C
10 V DC Rated Voltage
Surge Voltage 13 VDC @ 85°C and 8 VDC @ 125°C
16 V DC Rated Voltage
Surge Voltage 20 VDC @ 85°C and 12 VDC @ 125°C
20 V DC Rated Voltage
Surge Voltage 26 VDC @ 85°C and 16 VDC @ 125°C
25 V DC Rated Voltage
Surge Voltage 32 VDC @ 85°C and 20 VDC @ 125°C
35 V DC Rated Voltage
Surge Voltage 46 VDC @ 85°C and 28 VDC @ 125°C
S
HARMA PART
CAP
CASE
DCL
DF%
ESR (MAX)
RIPPLE(MAX)
NUMBER
VALUE
CODE
(MAX)
(MAX)
OHMS at
I rms Amps.
µf
at 25°C
at 25°C
100 KHz.
at 100 KHz.
SALD107K06R501
100
D
4.8
6
0.100
1.22
SALE157K06R501
150
E
7.2
6
0.100
1.28
SALE557K06R501
220
E
10.6
6
0.100
1.28
SALE557K06R501
330
E
15.8
6
0.100
1.28
S
HARMA PART
CAP
CASE
DCL
DF%
ESR (MAX)
RIPPLE(MAX)
NUMBER
VALUE
CODE
(MAX)
(MAX)
OHMS at
I rms Amps.
µf
at 25°C
at 25°C
100 KHz.
at 100 KHz.
SALD686K10R501
68
D
5.4
4
0.175
0.93
SALD107K10R501
100
D
8.0
6
0.100
1.22
SALD157K10R501
150
D
8.0
6
0.150
1.22
SALE157K10R501
150
E
12.0
6
0.100
1.28
SALE227K10R501
220
E
17.5
6
0.100
1.28
S
HARMA PART
CAP
CASE
DCL
DF%
ESR (MAX)
RIPPLE(MAX)
NUMBER
VALUE
CODE
(MAX)
(MAX)
OHMS at
I rms Amps.
µf
at 25°C
at 25°C
100 KHz.
at 100 KHz.
SALD336K16R501
33
D
4.2
4
0.225
0.82
SALD476K16R501
47
D
6.0
4
0.175
0.93
SALE686K16R501
68
E
8.7
4
0.150
1.05
SALE107K16R501
100
E
12.6
6
0.150
1.05
S
HARMA PART
CAP
CASE
DCL
DF%
ESR (MAX)
RIPPLE(MAX)
NUMBER
VALUE
CODE
(MAX)
(MAX)
OHMS at
I rms Amps.
µf
at 25°C
at 25°C
100 KHz.
at 100 KHz.
SALD226K20R501
22
D
3.5
4
0.225
0.82
SALD336K20R501
33
D
5.3
4
0.225
0.82
SALE476K20R501
47
E
7.5
4
0.200
0.91
SALE686K20R501
68
E
10.9
4
0.200
0.91
S
HARMA PART
CAP
CASE
DCL
DF%
ESR (MAX)
RIPPLE(MAX)
NUMBER
VALUE
CODE
(MAX)
(MAX)
OHMS at
I rms Amps.
µf
at 25°C
at 25°C
100 KHz.
at 100 KHz.
SALD156K25R501
15
D
3.0
4
0.275
0.74
SALD226K25R501
22
D
4.4
4
0.250
0.77
SALE336K25R501
33
E
6.6
4
0.225
0.86
S
HARMA PART
CAP
CASE
DCL
DF%
ESR (MAX)
RIPPLE(MAX)
NUMBER
VALUE
CODE
(MAX)
(MAX)
OHMS at
I rms Amps.
µf
at 25°C
at 25°C
100 KHz.
at 100 KHz.
SALD106K35R501
10
D
2.8
4
0.300
0.71
SALE156K35R501
15
E
4.2
4
0.275
0.77
SALE226K35R501
22
E
0.2
4
0.275
0.77
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com