Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2910CS Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MAS2910CS
Description  RADIATION HARD MICROPROGRAM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2910CS Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MAS2910CS Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2910CS Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS2910CS Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS2910CS Datasheet HTML 11Page - List of Unclassifed Manufacturers MAS2910CS Datasheet HTML 12Page - List of Unclassifed Manufacturers MAS2910CS Datasheet HTML 13Page - List of Unclassifed Manufacturers MAS2910CS Datasheet HTML 14Page - List of Unclassifed Manufacturers MAS2910CS Datasheet HTML 15Page - List of Unclassifed Manufacturers MAS2910CS Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MA2910
12
AC ELECTRICAL PARAMETERS
1. VDD = 5V ±10%. CCL = 50pF
2. Operating temperature is specified when ordering (see ordering information section on last page).
3. Enable/Disable times measured to 0.5V change on output voltage level with CL = 50pF.
4. Time measurement Reference Level = 1.5 Volts.
5. Input Pulse = VSS to 3.0 Volts.
6. Set-up and hold times measured relative to CP.
Input
ts
th
Di
→ R
16
5
Di
→ PC
20
5
I0-I3
30
5
CC
35
0
CCEN
35
0
CI
15
5
RLD
15
5
Figure 27: Set-up and
Hold Times
Input
Y
PL, VECT, MAP
FULL
D0-D11
30
-
-
I0-I3
45
30
-
CC
45
-
-
CCEN
45
-
-
CP
60
-
32
OE Enable
25
-
-
(Note 1)
OE Disable
25
-
-
(Note 1)
Figure 29: Combinational Delays
Minimum Clock LOW Time
20ns
Minimum Clock HIGH Time
35ns
Minimum Clock Period
55ns
Figure 28: Clock Requirements
Figure 30: AC Timings
Mil-Std-883, method 5005, subgroups 9, 10, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com