Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7134LA55PI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7134LA55PI
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA55PI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7134LA55PI Datasheet HTML 3Page - Integrated Device Technology IDT7134LA55PI Datasheet HTML 4Page - Integrated Device Technology IDT7134LA55PI Datasheet HTML 5Page - Integrated Device Technology IDT7134LA55PI Datasheet HTML 6Page - Integrated Device Technology IDT7134LA55PI Datasheet HTML 7Page - Integrated Device Technology IDT7134LA55PI Datasheet HTML 8Page - Integrated Device Technology IDT7134LA55PI Datasheet HTML 9Page - Integrated Device Technology IDT7134LA55PI Datasheet HTML 10Page - Integrated Device Technology IDT7134LA55PI Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IDT7134SA/LA
High-Speed 4K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
10
Truth Table I – Read/Write Control
Functional Description
The IDT7134 provides two ports with separate control, address,
and I/O pins that permit independent access for reads or writes to any
location in memory. These devices have an automatic power down
featurecontrolledbyCE.TheCEcontrolson-chippowerdowncircuitry
that permits the respective port to go into standby mode when not
selected (CE HIGH). When a port is enabled, access to the entire
memory array is permitted. Each port has its own Output Enable
control(OE).Inthereadmode,theport’s OEturnsontheoutputdrivers
whensetLOW.Non-contentionREAD/WRITEconditionsareillustrated
in the table below.
Timing Waveform of Write Cycle No. 2, CE Controlled Timing(1,4)
NOTES:
1. R/W or CE must be HIGH during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of a CE =VIL and R/W = VIL.
3. tWR is measured from the earlier of CE or R/W going HIGH to the end-of-write cycle.
4. If the CE LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the High-impedance state.
5. Timing depends on which enable signal (CE or R/W) is asserted last.
NOTE:
1. A0L - A11L ≠ A0R - A11R
"H" = VIH, "L" = VIL, "X" = Don’t Care, and "Z" = High Impedance
Left or Right Port(1)
R/W
CE
OE
D0-7
Function
X
H
X
Z
Port Deselected and in Power-Down
Mode, ISB2 or ISB4
XH
X
Z
CER
= CEL = H, Power Down
Mode ISB1 or ISB3
LL
X
DATAIN
Data on port written into memory
HL
L
DATAOUT Data in memory output on port
X
X
H
Z
High impedance outputs
2720 tbl 11
2720 drw 12
R/
W
tWC
ADDRESS
DATAIN
CE
tDW
tWR
(3)
tDH
tEW
(2)
tAW
tAS
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com