Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS-RNW3S Datasheet(PDF) 1 Page - Highly Electric Co., Ltd

Part # WS-RNW3S
Description  PHOTOELECTRIC SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

WS-RNW3S Datasheet(HTML) 1 Page - Highly Electric Co., Ltd

  WS-RNW3S Datasheet HTML 1Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D14
Design, specifications are subject to change without notice.
HIGHLY
PHOTOELECTRIC SWITCH
Product Selection
WS - □ □ P □ □
1 2
3 4
Dimensions
WS Series
Unit: mm
M10x1
15.3
30.3
28.0
1.TYPE
T Thru-Beam.
8M
R Retro-Reflective. 2M (M46mirror),3M (M51mirror)
D Diffuse Reflective. Check sensing distance from code 4.
Types
Detection Range
3.Material of Body
W1 Horizontal
W2 Vertical
W3 Connected with Socket
2. Output Types
N NPN open collector
P PNP open collector
S 20 cm
U 40cm
L 80cm
F Fixed Focus 30mm
4.Outlet Mode for Cables
Detecting distance
WS Series DC Type
NPN Output
PNP Output
Thru-Beam
透過型
0-8M
WS-TNPW1
WS-TPPW1
Retro-Reflective
鏡片反射型
0-2M
WS-RNPW1
WS-RPPW1
Diffuse Reflective
擴散反射型
0-20cm
WS-DNPW1S
WS-DPPW1S
0-40cm
WS-DNPW1U
WS-DPPW1U
0-80cm
WS-DNPW1L
WS-DPPW1L
Dif fuse Reflective
限定反射型
0-30mm
WS-DNPW1F
WS-DPPW1F
Type
Model Item
Operating principle


Similar Part No. - WS-RNW3S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS-RFIDANTS ETC2-WS-RFIDANTS Datasheet
244Kb / 1P
902~928MHz 2dBi RFID Antenna
More results

Similar Description - WS-RNW3S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WL260 ETC2-WL260 Datasheet
150Kb / 2P
PHOTOELECTRIC REFLEX SWITCH
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
GRL18S-P2431V SICK-GRL18S-P2431V Datasheet
448Kb / 7P
PHOTOELECTRIC SENSORS
GRTB18S-P2412V SICK-GRTB18S-P2412V Datasheet
496Kb / 7P
PHOTOELECTRIC SENSORS
GRTE18-P1112V SICK-GRTE18-P1112V Datasheet
344Kb / 7P
PHOTOELECTRIC SENSORS
GRTE18S-P1112V SICK-GRTE18S-P1112V Datasheet
329Kb / 7P
PHOTOELECTRIC SENSORS
logo
Highly Electric Co., Lt...
WE-TNPW1SV HIGHLY-WE-TNPW1SV Datasheet
759Kb / 2P
PHOTOELECTRIC SWITCH
WO-TNPW1S HIGHLY-WO-TNPW1S Datasheet
619Kb / 2P
PHOTOELECTRIC SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com