Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS2911CE Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MAS2911CE
Description  RADIATION HARD MICROPROGRAM SEQUENCER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS2911CE Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MAS2911CE Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS2911CE Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS2911CE Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS2911CE Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS2911CE Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS2911CE Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS2911CE Datasheet HTML 11Page - List of Unclassifed Manufacturers MAS2911CE Datasheet HTML 12Page - List of Unclassifed Manufacturers MAS2911CE Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MA2909/11
9
D
W
A
e
b
Z
H
A 1
15°
ME
C
e1
Seating Plane
1
14
28
15
Figure 3: 28-Lead Ceramic DIL (Solder Seal) - Package Style C
PACKAGE OUTLINES
Ref
Millimetres
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
5.715
-
-
0.225
A1
0.38
-
1.53
0.015
-
0.060
b
0.35
-
0.59
0.014
-
0.023
c
0.20
-
0.36
0.008
-
0.014
D
-
-
36.02
-
-
1.418
e
-
2.54 Typ.
-
-
0.100 Typ.
-
e1
-
15.24 Typ.
-
-
0.600 Typ.
-
H
4.71
-
5.38
0.185
-
0.212
Me
-
-
15.90
-
-
0.626
Z
-
-
1.27
-
-
0.050
W
-
-
1.53
-
-
0.060
XG404
28 VCC
27 CP
26 PUP
25 FEN
24 Cn+4
23 Cn
22 OEN
21 Y3
20 Y2
19 Y1
18 Y0
17 S1
16 S0
15 ZERON
1
REN
2
R3
3
R2
4
R1
5
R0
6
OR3
7
D3
8
OR2
9
D2
10
OR1
11
D1
12
OR0
13
D0
14
GND
Top
View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com