Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7134LA55JI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7134LA55JI
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA55JI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7134LA55JI Datasheet HTML 3Page - Integrated Device Technology IDT7134LA55JI Datasheet HTML 4Page - Integrated Device Technology IDT7134LA55JI Datasheet HTML 5Page - Integrated Device Technology IDT7134LA55JI Datasheet HTML 6Page - Integrated Device Technology IDT7134LA55JI Datasheet HTML 7Page - Integrated Device Technology IDT7134LA55JI Datasheet HTML 8Page - Integrated Device Technology IDT7134LA55JI Datasheet HTML 9Page - Integrated Device Technology IDT7134LA55JI Datasheet HTML 10Page - Integrated Device Technology IDT7134LA55JI Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
IDT7134SA/LA
High-Speed 4K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Ordering Information
2720 drw 13
IDT
XXXX
A
999
A
A
Device Type
Power
Speed
Package
Process/
Temperature
Range
Blank
I(1)
B
P
C
J
L48
F
20
25
35
45
55
70
LA
SA
7134
Commercial (0
°Cto +70°C)
Industrial (-40
°Cto +85°C)
Military (-55
°Cto +125°C)
Compliant to MIL-PRF-38535 QML
48-pin Plastic DIP (P48-1)
48-pin Ceramic DIP (C48-2)
52-pin PLCC (J52-1)
48-pin LCC (L48-1)
48-pin Ceramic Flatpack (F48-1)
Speed in nanoseconds
Low Power
Standard Power
32K (4K x 8-Bit) Dual-Port RAM
Commercial Only
Commercial & Military
Commercial & Military
Commercial & Military
Commercial, Industrial & Military
Commercial & Military
NOTE:
1. Industrial temperature is available for PLCC packages in standard power.
For other speeds, packages and powers contact your sales office.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-5166
831-754-4613
Santa Clara, CA 95054
fax: 408-492-8674
DualPortHelp@idt.com
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
3/25/99
Initiated datasheet document history
Converted to new format
Cosmetic and typographical corrections
Pages 2 Added additional notes to pin configurations
6/9/99:
Changed drawing format



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com